Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA3662 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA3662
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA3662 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Apr 26
6
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator
TDA3662
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured with test circuit (see Fig.4); unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for both device types: VP ≤ 45 V and −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
TDA3662
3
14.4
45
V
TDA3662AT
3
14.4
45
V
Iq
quiescent supply current
VP = 4.5 V; IREG =0mA
10
−µA
VP = 14.4 V; IREG =0mA
15
30
µA
5.5 V
≤ V
P ≤ 22 V; IREG =10mA
0.2
0.5
mA
5.5 V
≤ VP ≤ 22 V; IREG =50mA −
1.4
2.5
mA
Regulator output: pin REG; note 2
VREG
output voltage
7.5 V
≤ VP ≤ 22 V;
IREG = 0.5 mA
2.84
3.0
3.16
V
0.5 mA
≤ I
REG ≤ 100 mA
2.81
3.0
3.19
V
5.5 V
≤ V
P ≤ 22 V;
IREG = 0.5 mA
2.81
3.0
3.19
V
VREG(drop)
dropout voltage
VP = 2.5 V; IREG =50mA;
Tamb ≤ 85 °C
0.18
0.3
V
VREG(stab)
long-term stability
20
mV/1000 h
∆V
REG(line)
line regulation voltage
6.5 V
≤ VP ≤ 22 V;
IREG = 0.5 mA
130
mV
6.5 V
≤ V
P ≤ 22 V;
IREG = 0.5 mA
150
mV
∆V
REG(load)
load regulation voltage
0.5 mA
≤ IREG ≤ 50 mA
10
50
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz;
Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
dB
IREG(crl)
current limit
VREG > 2.5 V
0.17
0.25
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
1
500
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn