Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA3661 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA3661
Description  Very low dropout voltage/quiescent current adjustable voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA3661 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9397 750 15049
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 28 June 2005
2 of 16
Philips Semiconductors
TDA3661
Very low dropout voltage/quiescent current voltage regulator
4.
Ordering information
5.
Block diagram
6.
Pinning information
6.1 Pinning
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA3661AT
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
Fig 1.
Block diagram
mgs579
REGULATOR
2, 3, 6, 7
1
GND
8
REG
5
ADJ
VP
BAND GAP
TDA3661
THERMAL
PROTECTION
Fig 2.
Pin configuration
TDA3661
REG
VP
GND
GND
GND
GND
n.c.
ADJ
001aac940
1
2
3
4
6
5
8
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn