Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM120UM70FAG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM120UM70FAG
Description  Single switch MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120UM70FAG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM120UM70FAG Datasheet HTML 1Page - Microsemi Corporation APTM120UM70FAG Datasheet HTML 2Page - Microsemi Corporation APTM120UM70FAG Datasheet HTML 3Page - Microsemi Corporation APTM120UM70FAG Datasheet HTML 4Page - Microsemi Corporation APTM120UM70FAG Datasheet HTML 5Page - Microsemi Corporation APTM120UM70FAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM120UM70FAG
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
60
90
120 150 180 210 240 270
ID, Drain Current (A)
VDS=800V
RG=0.8Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
60
90
120 150 180 210 240 270
ID, Drain Current (A)
VDS=800V
RG=0.8Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
4
8
12
16
20
24
60
90 120 150 180 210 240 270
ID, Drain Current (A)
VDS=800V
RG=0.8Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
6
12
18
24
30
36
01
23
45
6
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=800V
ID=171A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
25
50
75
100
125
150
175
40
60
80
100
120
140
160
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=800V
D=50%
RG=0.8Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM120UM70FAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
More results

Similar Description - APTM120UM70FAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
logo
Microsemi Corporation
APTM100UM60FAG MICROSEMI-APTM100UM60FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
APTM120UM95FAG MICROSEMI-APTM120UM95FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
APTM20UM03FAG MICROSEMI-APTM20UM03FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
logo
Advanced Power Technolo...
APTM10UM02FA ADPOW-APTM10UM02FA Datasheet
295Kb / 6P
   Single Switch MOSFET Power Module
logo
Microsemi Corporation
APTM50UM09FAG MICROSEMI-APTM50UM09FAG Datasheet
275Kb / 6P
   Single Switch MOSFET Power Module
logo
Advanced Power Technolo...
APTM10UM01FA ADPOW-APTM10UM01FA Datasheet
296Kb / 6P
   Single Switch MOSFET Power Module
APTM120UM95F-ALN ADPOW-APTM120UM95F-ALN Datasheet
300Kb / 6P
   Single Switch MOSFET Power Module
APTM100UM45F-ALN ADPOW-APTM100UM45F-ALN Datasheet
309Kb / 6P
   Single Switch MOSFET Power Module
logo
Microsemi Corporation
APTM10UM01FAG MICROSEMI-APTM10UM01FAG Datasheet
272Kb / 6P
   Single Switch MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com