Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI-61 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-61
Description  3 W Charger:
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-61 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-61 Datasheet HTML 1Page - Power Integrations, Inc. DI-61 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
3/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
DI-61
Core Material
Bobbin
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
TRANSFORMER PARAMETERS
Table 1. Transformer Construction Information.
EE13
TDK PC40, or equivalent
A
L of 128 nH/T
2
EE13, 8 pin
Primary (1-2), tape,
Bias (3-4), tape,
Secondary (7-8), 5 V, tape
1.9 mH
±10%
500 kHz (minimum)
50
µH (maximum)
Figure 3. No-load Input Power vs. Line Voltage.
Figure 4. 5.0 VDC, 600 mA CV/CC Curve.
Figure 2. Conducted EMI, Full Load, 230 VAC, Grounded to
"Artificial Hand" of LISN.
0
300 400 500 600
200
100
700
Output Current (mA)
3
2
1
0
4
5
6
115 VAC
230 VAC
Limits for
Output Voltage
and Current
80
160
200
120
240
280
Input Voltage (VAC)
100
50
0
150
200
-20
-10
0
10
20
30
40
50
60
70
80
0.15
1
10
50
Frequency (MHz)
(QP)
(AV)
Quasi-Peak Scan
Average Scan


Similar Part No. - DI-61

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
   Low Cost 2.5 W Regulated Charger/Adapter
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
   4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
   Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
   45 W, Universal Input, LCD Monitor Internal Supply
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
More results

Similar Description - DI-61

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
   3 W Charger: <30 mW No-load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
   3 W Charger: <30 mW No-load Consumption
DER-62 POWERINT-DER-62 Datasheet
910Kb / 24P
   3.0 W Charger using LNK363P
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
   5 W, 5 V Charger using TNY274P
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
   Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
   Low Cost 2.5 W Regulated Charger/Adapter
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
   2.5 W wireless charger transmitter evaluation kit
April 2018
logo
Power Integrations, Inc...
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
   2 W Charger: Replaces Unregulated Linear Solutions
DI-12 POWERINT-DI-12 Datasheet
44Kb / 2P
   16 W, Universal Input, Lead Acid Battery Charger
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
   Low Cost 1.6 W CV/CC Charger/Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com