Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3618 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 9Page - NXP Semiconductors TDA3618 Datasheet HTML 10Page - NXP Semiconductors TDA3618 Datasheet HTML 11Page - NXP Semiconductors TDA3618 Datasheet HTML 12Page - NXP Semiconductors TDA3618 Datasheet HTML 13Page - NXP Semiconductors TDA3618 Datasheet HTML 14Page - NXP Semiconductors TDA3618 Datasheet HTML 15Page - NXP Semiconductors TDA3618 Datasheet HTML 16Page - NXP Semiconductors TDA3618 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Sep 01
13
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3618JR
∆VL
load regulation
1 mA
≤ IREG2 ≤ 150 mA
20
50
mV
1mA
≤ I
REG2 ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
f = 3 kHz; Vi(p-p) =2V
60
70
dB
Vd
drop-out voltage
IREG2 = 100 mA;
VP = 4.75 V; note 7
0.4
0.6
V
IREG2 = 200 mA;
VP = 5.75 V; note 7
0.8
1.2
V
IREG2 = 100 mA;
Vbu = 4.75 V; note 10
0.2
0.5
V
IREG2 = 200 mA;
Vbu = 5.75 V; note 10
0.8
1.0
V
IREG2m
current limit
VREG2 > 4.5 V; note 8
0.32
0.37
A
IREG2sc
short-circuit current
RL ≤ 0.5 Ω; note 9
20
100
mA
Regulator 3 (IREG3 = 5 mA; unless otherwise specified)
VO(off)
output voltage off
1
400
mV
VO(REG3)
output voltage
1 mA
≤ IREG3 ≤ 750 mA
4.75
5.0
5.25
V
7V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
∆V
line regulation
7 V
≤ V
P ≤ 18 V
250
mV
∆V
L
load regulation
1 mA
≤ IREG3 ≤ 750 mA
20
100
mV
Iq
quiescent current
IR3 = 750 mA
19
45
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
dB
Vd
drop-out voltage
IREG3 = 500 mA;
VP = 5.75 V; note 7
1
1.5
V
IREG3m
current limit
VREG3 > 4.5 V; note 8
0.80
0.90
A
IREG3sc
short-circuit current
RL ≤ 0.5 Ω; note 9
100
400
mA
Power switch
Vd
drop-out voltage
ISW = 1 A; VP = 13.5 V;
note 11
0.45
0.70
V
ISW = 1.8 A; VP = 13.5 V;
note 11
1.0
1.8
V
Idc
continuous current
VP = 16 V; VSW = 13.5 V
1.8
2.0
A
Vclamp
clamping voltage
VP ≥ 17 V
13.5
15.0
16.0
V
IM
peak current
VP = 17 V; notes 6, 12, 13
3
−−
A
Vfb
fly back voltage behaviour ISW = −100 mA
VP + 3
22
V
Isc
short-circuit current
VP = 14.4 V; VSW < 1.2 V;
note 13
0.8
A
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results

Similar Description - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com