Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTM100H35FT3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTM100H35FT3G
Description  Full - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTM100H35FT3G Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM100H35FT3G
www.microsemi.com
1 – 6
11
Q4
14
13
23
Q2
10
8
7
3
4
22
29
31
R1
15
16
32
26
19
18
Q1
Q3
27
30
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
22
ID
Continuous Drain Current
Tc = 80°C
17
IDM
Pulsed Drain current
88
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
420
m
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
25
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1000V
RDSon = 350mΩ typ @ Tj = 25°C
ID = 22A @ Tc = 25°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Power MOS 7® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
Each leg can be easily paralleled to achieve a phase
leg of twice the current capability
RoHS Compliant
Full - Bridge
MOSFET Power Module


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTM10HM05FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H10FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H14FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM19FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM38FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn