Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTM100H35FT3G Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. APTM100H35FT3G
Description  Full - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTM100H35FT3G Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100H35FT3G
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
140
160
180
0
10
203040
50
ID, Drain Current (A)
VDS=670V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
10
20
30
40
50
60
70
80
0
1020
3040
50
ID, Drain Current (A)
VDS=670V
RG=5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
E
on
Eoff
0
0.5
1
1.5
2
2.5
0
102030
4050
ID, Drain Current (A)
VDS=670V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=22A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
25
50
75
100
125
150
175
200
225
250
5
8
10
13
15
18
20
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTM10HM05FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H10FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H14FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM19FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM38FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn