Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTM100H35FT3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part No. APTM100H35FT3G
Description  Full - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTM100H35FT3G Datasheet(HTML) 5 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTM100H35FT3G
www.microsemi.com
5 – 6
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
VGS=10V
ID=11A
Threshold Voltage vs Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TC, Case Temperature (°C)
Maximum Safe Operating Area
10ms
1ms
100µs
1
10
100
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
100
1000
10000
100000
0
102030
40
50
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=200V
VDS=500V
VDS=800V
0
2
4
6
8
10
12
14
0
50
100
150
200
250
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=22A
TJ=25°C


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTM10HM05FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H10FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H14FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM19FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM38FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn