Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTM100H18FG Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. APTM100H18FG
Description  Full - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTM100H18FG Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100H18FG
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
40
80
120
160
200
10
30
50
70
90
ID, Drain Current (A)
VDS=670V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
10
30
50
70
90
ID, Drain Current (A)
VDS=670V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
10
30
50
70
90
ID, Drain Current (A)
VDS=670V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
0
1
2
3
4
5
6
7
0
5
10
15
20
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=43A
TJ=125°C
L=100µH
ZCS
ZVS
Hard
switching
0
50
100
150
200
250
10
15
20
25
30
35
40
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=2.5Ω
TJ=125°C
Tc=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTM10HM05FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H10FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM09FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50H14FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10HM19FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM38FGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM65FTGFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75FT3GFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn