Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3618 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 7Page - NXP Semiconductors TDA3618 Datasheet HTML 8Page - NXP Semiconductors TDA3618 Datasheet HTML 9Page - NXP Semiconductors TDA3618 Datasheet HTML 10Page - NXP Semiconductors TDA3618 Datasheet HTML 11Page - NXP Semiconductors TDA3618 Datasheet HTML 12Page - NXP Semiconductors TDA3618 Datasheet HTML 13Page - NXP Semiconductors TDA3618 Datasheet HTML 14Page - NXP Semiconductors TDA3618 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2001 May 02
11
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffers
TDA3618AJR
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; see Fig.8; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
11
14.4
18
V
regulator 2 on; note 1
2.4
14.4
18
V
jump start; t
≤ 10 minutes −−
30
V
load dump protection;
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Iq
quiescent supply current
VP = 12.4 V; note 2
390
500
µA
VP = 14.4 V; note 2
400
−µA
Schmitt trigger for regulator 1, regulator 3 and the power switch
Vth(r)
rising threshold voltage
6.5
7.0
7.5
V
Vth(f)
falling threshold voltage
4.0
4.5
5.0
V
Vhys
hysteresis voltage
2.5
V
Schmitt trigger for regulator 2
Vth(r)
rising threshold voltage
6.0
6.5
7.1
V
Vth(f)
falling threshold voltage
1.7
1.9
2.3
V
Vhys
hysteresis voltage
4.6
V
Schmitt trigger for enable inputs (regulator 1, regulator 3 and the power switch)
Vth(r)
rising threshold voltage
1.4
1.8
2.4
V
Vth(f)
falling threshold voltage
0.9
1.3
1.9
V
Vhys
hysteresis voltage
IREG =ISW =1mA
0.5
V
ILI
input leakage current
VEN =5V
1
5
10
µA
Reset trigger level of regulator 2
Vth(r)
rising threshold voltage
VP rising; IREG1 = 50 mA;
note 3
4.43
VO(REG2) − 0.15 VO(REG2) − 0.1
V
Vth(f)
falling threshold voltage
VP falling; IREG1 = 50 mA;
note 3
4.4
VO(REG2) − 0.20 VO(REG2) − 0.15
V
Schmitt triggers for HOLD output
Vth(r)(REG1) rising threshold voltage of
regulator 1
VP rising; note 3
VO(REG1) − 0.15 VO(REG1) − 0.075 V
Vth(f)(REG1) falling threshold voltage of
regulator 1
VP falling; note 3
8.1
VO(REG1) − 0.35 −
V
Vhys(REG1)
hysteresis voltage due to
regulator 1
0.2
V
Vth(r)(REG3) rising threshold voltage of
regulator 3
VP rising; note 3
VO(REG3) − 0.15 VO(REG3) − 0.075 V
Vth(f)(REG3) falling threshold voltage of
regulator 3
VP falling; note 3
4.1
VO(REG3) − 0.35 −
V
Vhys(REG3)
hysteresis voltage due to
regulator 3
0.2
V


Similar Part No. - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618 PHILIPS-TDA3618 Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
More results

Similar Description - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com