Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5024BB245D187T500AA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # X5024BB245D187T500AA
Description  Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X5024BB245D187T500AA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  X5024BB245D187T500AA Datasheet HTML 1Page - List of Unclassifed Manufacturers X5024BB245D187T500AA Datasheet HTML 2Page - List of Unclassifed Manufacturers X5024BB245D187T500AA Datasheet HTML 3Page - List of Unclassifed Manufacturers X5024BB245D187T500AA Datasheet HTML 4Page - List of Unclassifed Manufacturers X5024BB245D187T500AA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9101 W. Sahara Ave. Suite 105-E10
Phone: (702) 597-2495, Fax: (702) 940-8405
E-mail: sales@vcamerica.com sales@xeco.net
X5024 series
Nominal 5 x 2.4 mm blanks for
5x7mm ceramic SMD High Frequency Oscillators
The products shown in this document (hereafter “Products) are not intended to be used in medical life support ap-
plications or equipment where device failure may endanger human life. Customers are requested to obtain prior
written agreement for such use from XECO Incorporated. Customer shall be solely responsible for, and indemnify
and hold XECO Inc. free and harmless from any and all claims, damages, losses, expenses, or lawsuits, due to such
use without such agreement. XECO Inc. reserves the right to change the specifications of the Products in order to
improve the characteristic or reliability thereof. XECO Inc. makes no claim or warranty that the contents de-
scribed in this document do not infringe any intellectual property right or other similar right owned by third parties.
Therefore, XECO Inc. shall not be responsible for such problems, even if the use is in accordance with the descrip-
tions provided in this document. Any descriptions including applications, circuits, and the parameters of the Prod-
ucts in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplica-
bility to the design, or full production products without further testing or modification. Customers are requested
not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or
in violation of the US export laws, treaties, orders, and regulations. Customers are requested to take the appropri-
ate steps to obtain required government permission or approvals for use or export.


Similar Part No. - X5024BB245D187T500AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X502-622.08M CONNOR-WINFIELD-X502-622.08M Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
More results

Similar Description - X5024BB245D187T500AA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
logo
Transko Electronics, In...
TCFL0805CF TRANSKO-TCFL0805CF Datasheet
433Kb / 3P
   Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
Rev 1: 06-05-2020
logo
HK TO-GRACE TECHNOLOGY ...
APBD3224LSURKZGKC TO-GRACE-APBD3224LSURKZGKC Datasheet
949Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LVBDSYKJ3C TO-GRACE-APBD3224LVBDSYKJ3C Datasheet
949Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LQBDCGKC TO-GRACE-APBD3224LQBDCGKC Datasheet
958Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224CGCK TO-GRACE-KPD-3224CGCK Datasheet
935Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224QBC-D TO-GRACE-KPD-3224QBC-D Datasheet
935Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com