Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W567S030 Datasheet(PDF) 4 Page - Winbond

Part # W567S030
Description  8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W567S030 Datasheet(HTML) 4 Page - Winbond

  W567S030 Datasheet HTML 1Page - Winbond W567S030 Datasheet HTML 2Page - Winbond W567S030 Datasheet HTML 3Page - Winbond W567S030 Datasheet HTML 4Page - Winbond W567S030 Datasheet HTML 5Page - Winbond W567S030 Datasheet HTML 6Page - Winbond W567S030 Datasheet HTML 7Page - Winbond W567S030 Datasheet HTML 8Page - Winbond W567S030 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W567SXXX
- 4 -
3. PIN DESCRIPTION
PIN NAME
I/O
FUNCTION
RESETB
In
IC reset input, low active.
XIN
In
32 KHz crystal oscillator with divider for time-keeping application
XOUT
Out
32 KHz crystal oscillator with divider for time-keeping application
OSC
In
Main-clock oscillation input. Only Ring type is used. Connect to GND via the
oscillation resistor.
IP0[3:0] /
IP0[7:4]
In
General input port with pull-high selection. Each 2 input pins can be
programmed to generate interrupt request and used to release IC from
STOP mode.
IP0[3:0] are used as the input of ADC. IP0.0 is the input pin of channel 0
and IP0.3 is the input pin of channel 3, and so on.
BP0[7:0]
I/O
General input/output pins. When used as output pin, it can be open–drain
or CMOS type and it can sink 8mA for high-current applications. When
used as input pin, there may have a pull-high option and generate interrupt
request to release IC from STOP mode.
When BP0[7] is used as output pin, it can be the IR transmission carrier for
IR applications.
BP1[7:0]
I/O
General input/output pins. When used as output pin, it can be open–drain
or CMOS type. When used as input pin, there may have a pull-high option
and generate interrupt request to release IC from STOP mode.
When serial interface is enabled, BP1[6:4] are used as serial interface pins.
BP2[7:0]
I/O
General input/output pins. When used as output pin, it can be open–drain
or CMOS type. When used as input pin, there may have a pull-high option
and generate interrupt request to release IC from STOP mode.
2VRB
Out
Reference-bottom voltage of ADC. Theoretically, the converted codes 0 ~
255 will be uniformly distributed between VRB and AVDD. Voltages below
VRB will be mapped to code 0.
2CIN
In
Capacitor input for ADC.
2COUT
Out
Capacitor output for ADC.
2AVDD
Out
ADC regulator output voltage.
DAC0
Out
Current type DAC speaker output 0.
DAC1
Out
Current type DAC speaker output 1.
TEST
In
Test input, internally pulled low. Do not connect during normal operation.
VDD
Power
Positive power supply for
µP and peripherals.
VSS
Power
Negative power supply for
µP and peripherals.
3VDDOSC
Power
Positive power supply for oscillation.
3VSSOSC
Power
Negative power supply for oscillation.
2VDDA
Power
Positive power supply for ADC module.
2VSSA
Power
Negative power supply for ADC module.
2 Only W567S301~S341 provides these pins for ADC application.
3 In order to get a stable oscillating frequency, W567S080~S341 provides these pins for power supply.


Similar Part No. - W567S030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W567S030 ETC2-W567S030 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567S030 NUVOTON-W567S030 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W567SXXX ETC2-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com