Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X5024 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. X5024
Description  Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

X5024 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9101 W. Sahara Ave. Suite 105-E10
Phone: (702) 597-2495, Fax: (702) 940-8405
E-mail: sales@vcamerica.com sales@xeco.net
X5024 series
Nominal 5 x 2.4 mm blanks for
5x7mm ceramic SMD High Frequency Oscillators
The products shown in this document (hereafter “Products) are not intended to be used in medical life support ap-
plications or equipment where device failure may endanger human life. Customers are requested to obtain prior
written agreement for such use from XECO Incorporated. Customer shall be solely responsible for, and indemnify
and hold XECO Inc. free and harmless from any and all claims, damages, losses, expenses, or lawsuits, due to such
use without such agreement. XECO Inc. reserves the right to change the specifications of the Products in order to
improve the characteristic or reliability thereof. XECO Inc. makes no claim or warranty that the contents de-
scribed in this document do not infringe any intellectual property right or other similar right owned by third parties.
Therefore, XECO Inc. shall not be responsible for such problems, even if the use is in accordance with the descrip-
tions provided in this document. Any descriptions including applications, circuits, and the parameters of the Prod-
ucts in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplica-
bility to the design, or full production products without further testing or modification. Customers are requested
not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or
in violation of the US export laws, treaties, orders, and regulations. Customers are requested to take the appropri-
ate steps to obtain required government permission or approvals for use or export.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn