Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3615J Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3615J
Description  Multiple voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3615J Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3615J Datasheet HTML 4Page - NXP Semiconductors TDA3615J Datasheet HTML 5Page - NXP Semiconductors TDA3615J Datasheet HTML 6Page - NXP Semiconductors TDA3615J Datasheet HTML 7Page - NXP Semiconductors TDA3615J Datasheet HTML 8Page - NXP Semiconductors TDA3615J Datasheet HTML 9Page - NXP Semiconductors TDA3615J Datasheet HTML 10Page - NXP Semiconductors TDA3615J Datasheet HTML 11Page - NXP Semiconductors TDA3615J Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2004 Jan 12
8
Philips Semiconductors
Product specification
Multiple voltage regulator
TDA3615J
Regulator 1 for 5 V standby (IREG1 = 1 mA unless otherwise specified)
VO(REG1)
output voltage
0.5 mA
≤ I
REG1 ≤ 50 mA
4.75
5.0
5.25
V
6.5 V
≤ V
bat ≤ 18 V; note 2
4.75
5.0
5.25
V
18 V
≤ Vbat ≤ 50 V; load dump;
IREG1 =30mA
4.75
5.0
5.25
V
∆V
LN1
line voltage regulation
7 V
≤ Vbat ≤ 18 V
350
mV
∆VL1
load voltage regulation
0.5 mA
≤ IREG1 ≤ 50 mA
−−
60
mV
SVRR1
supply voltage ripple rejection
fi = 120 Hz; Vi(p-p) =2V
60
72
dB
Vdrop1
drop-out voltage
Vbat = 5 V; note 3
0.27
1
V
Il1
current limit
VREG1 > 4.5 V
60
170
mA
Isc1
short-circuit current
RL ≤ 0.5 Ω; note 4
15
60
mA
Regulator 2 for filament (IREG2 = 5 mA unless otherwise specified)
VO(REG2)
output voltage
0.5 mA
≤ IREG2 ≤ 300 mA
2.7
2.85
3.0
V
7.5 V
≤ Vbat ≤ 16.9 V
2.7
2.85
3.0
V
adjust control
1.1
adjust
VI(ig)
V
∆VLN2
line voltage regulation
7.5 V
≤ Vbat ≤ 16.9 V
−−
50
mV
∆VL2
load voltage regulation
5 mA
≤ IREG2 ≤ 300 mA
−−
70
mV
SVRR2
supply voltage ripple rejection
fi = 120 Hz; Vi(p-p) =2V
60
80
dB
Isc2
short-circuit current
RL ≤ 0.5 Ω
0.35
0.66
A
Regulator 3 for 5 V logic (IREG3 = 5 mA unless otherwise specified)
VO(REG3)
output voltage
0.5 mA
≤ IREG3 ≤ 450 mA
4.75
5.0
5.25
V
7.5 V
≤ Vbat ≤ 16.9 V
4.75
5.0
5.25
V
∆VLN3
line voltage regulation
7.5 V
≤ Vbat ≤ 16.9 V
−−
50
mV
∆VL3
load voltage regulation
5 mA
≤ IREG3 ≤ 450 mA
−−
60
mV
SVRR3
supply voltage ripple rejection
fi = 120 Hz; Vi(p-p) =2V
60
80
dB
Il3
current limit
VREG3 > 3.5 V
0.5
0.85
A
Isc3
short-circuit current
RL ≤ 0.5 Ω; note 4
20
125
mA
Regulator 4 for synthesizer (IREG4 = 5 mA unless otherwise specified)
VO(REG4)
output voltage
0.5 mA
≤ IREG4 ≤ 100 mA
9.0
9.5
10.0
V
10.75 V
≤ Vbat ≤ 16.9 V
9.0
9.5
10.0
V
∆VLN4
line voltage regulation
10.75 V
≤ Vbat ≤ 16.9 V
−−
50
mV
∆VL4
load voltage regulation
5 mA
≤ IREG4 ≤ 100 mA
−−
70
mV
SVRR4
supply voltage ripple rejection
fi = 120 Hz; Vi(p-p) =2V
60
70
dB
Vdrop4
drop-out voltage
IREG4 = 0.1 A; Vbat = 9 V; note 5
0.18
0.5
V
Il4
current limit
VREG4 > 7 V
0.35
0.57
A
Isc4
short-circuit current
RL ≤ 0.5 Ω; note 4
20
160
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3615J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616SF PHILIPS-TDA3616SF Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616T PHILIPS-TDA3616T Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3617J PHILIPS-TDA3617J Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
More results

Similar Description - TDA3615J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
   Multiple Voltage Regulator
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com