Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3609 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA3609
Description  Multiple voltage regulator with switch and ignition buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3609 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA3609 Datasheet HTML 12Page - NXP Semiconductors TDA3609 Datasheet HTML 13Page - NXP Semiconductors TDA3609 Datasheet HTML 14Page - NXP Semiconductors TDA3609 Datasheet HTML 15Page - NXP Semiconductors TDA3609 Datasheet HTML 16Page - NXP Semiconductors TDA3609 Datasheet HTML 17Page - NXP Semiconductors TDA3609 Datasheet HTML 18Page - NXP Semiconductors TDA3609 Datasheet HTML 19Page - NXP Semiconductors TDA3609 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1997 Aug 15
16
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3609JR
Application information
NOISE
Table 1
Noise figures
Note
1. Measured at a bandwidth of 200 kHz.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (output
noise of the regulators is translated into a current noise by
means of the output capacitors). When a high frequency
capacitor of 220 nF in parallel with an electrolytic capacitor
of 100
µF is connected directly to pins 1 and 14 (supply
and ground) the noise is minimal.
STABILITY
The regulators are made stable with the external
connected output capacitors.
REGULATOR
NOISE FIGURE (
µV)(1)
CO =10 µFCO =47 µFCO = 100 µF
1
tbf
150
tbf
2
tbf
150
tbf
3
tbf
200
tbf
The output capacitors can be selected using the graphs of
Figs 8 and 9. When an electrolytic capacitor is used, the
temperature behaviour of this output capacitor can cause
oscillations at a low temperature. The next 2 examples
show how an output capacitor value is selected.
Example 1
Regulators 1 and 3 are made stable with an electrolytic
output capacitor of 220
µF (ESR = 0.15 Ω). At −30 °C the
capacitor value is decreased to 73
µF and the ESR is
increased to 1.1
Ω. The regulator will remain stable at
−30 °C.
Example 2
Regulator 2 is made stable with a 10
µF electrolytic
capacitor (ESR = 3
Ω). At −30 °C the capacitor value is
decreased to 3
µF and the ESR is increased to 23.1 Ω.
Using Fig.9, the regulator will be instable at
−30 °C.
Solution
Use a tantalum capacitor of 10
µF or a larger electrolytic
capacitor. To avoid problems with stability at low
temperatures, the use of tantalum capacitors is
recommended.
handbook, halfpage
0
0.1
1
10
C (
µF)
MGK612
stable region
maximum ESR
100
R
(
Ω)
20
15
10
5
Fig.8
Curve for selecting the value of output
capacitor for regulators 1 and 3.
handbook, halfpage
2
0
0.22
110
C (
µF)
MGK613
4
6
8
10
12
stable region
maximum ESR
minimum ESR
100
R
(
Ω)
14
Fig.9
Curve for selecting the value of output
capacitor for regulator 2.


Similar Part No. - TDA3609

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3601AQ PHILIPS-TDA3601AQ Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3603P PHILIPS-TDA3603P Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
More results

Similar Description - TDA3609

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com