Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3609 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA3609
Description  Multiple voltage regulator with switch and ignition buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3609 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA3609 Datasheet HTML 11Page - NXP Semiconductors TDA3609 Datasheet HTML 12Page - NXP Semiconductors TDA3609 Datasheet HTML 13Page - NXP Semiconductors TDA3609 Datasheet HTML 14Page - NXP Semiconductors TDA3609 Datasheet HTML 15Page - NXP Semiconductors TDA3609 Datasheet HTML 16Page - NXP Semiconductors TDA3609 Datasheet HTML 17Page - NXP Semiconductors TDA3609 Datasheet HTML 18Page - NXP Semiconductors TDA3609 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1997 Aug 15
15
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3609JR
TEST AND APPLICATION INFORMATION
Test information
Fig.7 Test circuit.
handbook, full pagewidth
MGK609
enable input regulator 3
reset delay
capacitor
reset
output
C3
10
µF
C2
220 nF
C1
220 nF
C4
10
µF
ignition 1
output
ignition 2
output
R2
10 k
RL(REG2)
5 k
RL(SW)
12 k
5 V
5 V
10 V
regulator 3
output
regulator 1
output
regulator 2
output
C5
10
µF
C6
1
µF
C7
47 nF
RL(REG1)
10 k
RL(REG3)
5 k
power switch output
17
15
2
7
8
hold
output
12
9
3
4
13
16
11
1
14
TDA3609JR
ground
VP
supply voltage
VENSW
VEN3
enable input regulator 1
enable input power switch
10
VEN1
back-up
ignition 2
input
10 k
R6
C10
1 nF
ignition 1
input
5
6
VIGN 2
10 k
R5
C9
1 nF
VIGN1
C8
Vbu
R3
10 k
R4
10 k


Similar Part No. - TDA3609

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3601AQ PHILIPS-TDA3601AQ Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3603P PHILIPS-TDA3603P Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
More results

Similar Description - TDA3609

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com