Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66WFR10LF Datasheet(PDF) 3 Page - Bi technologies

Part # 66WFR10LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

66WFR10LF Datasheet(HTML) 3 Page - Bi technologies

  66WFR10LF Datasheet HTML 1Page - Bi technologies 66WFR10LF Datasheet HTML 2Page - Bi technologies 66WFR10LF Datasheet HTML 3Page - Bi technologies 66WFR10LF Datasheet HTML 4Page - Bi technologies 66WFR10LF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
1-41
Model 66
SIDE ADJUSTMENT (Inch/mm)
Schematic Diagram
This Surface
Standard Marking This Surface
Max.
.20
5.08
.375
± .015
9.525
± 0.381
.145
3.683
Terminal Pins (3)
Solderable
Dia.
(3)
(2)
(1)
Min.
.062
± .015
1.575
± 0.381
.015
± .005
0.38
± 0.13
.18
4.57
.41
10.41
.021
± .003
0.533
± 0.076
.062
± .015
1.575
± 0.381
.187
± .015
4.75
± 0.38
.100
± .015
2.540
± 0.381
.10
2.54
.10
2.54
Metal Adjustment Screw
Dia. With
.090
2.29
Wide x
.020
0.51
Min. Depth
.025
0.64
Model 66X
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K


Similar Description - 66WFR10LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com