Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3606T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3606T
Description  Multiple voltage regulator with battery detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3606T Datasheet HTML 2Page - NXP Semiconductors TDA3606T Datasheet HTML 3Page - NXP Semiconductors TDA3606T Datasheet HTML 4Page - NXP Semiconductors TDA3606T Datasheet HTML 5Page - NXP Semiconductors TDA3606T Datasheet HTML 6Page - NXP Semiconductors TDA3606T Datasheet HTML 7Page - NXP Semiconductors TDA3606T Datasheet HTML 8Page - NXP Semiconductors TDA3606T Datasheet HTML 9Page - NXP Semiconductors TDA3606T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Jun 16
6
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; see Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
regulator on; note 1
5.6
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
during 50 ms, tr ≥ 2.5 ms
−−
50
V
Iq
quiescent current
VP = 12.4 V; note 2
95
120
µA
VP = 14.4 V; note 2
100
−µA
load dump; VP =50V
515
mA
Schmitt-trigger for regulator and reset 1
Vthr
rising supply voltage threshold
6.2
7.5
8.2
V
Vthf
falling voltage of regulator
threshold
IREG = 5 mA
2.2
2.4
2.6
V
IREG =30mA
2.25
V
Vhys
hysteresis
5.1
V
Schmitt-trigger for battery detection
Vthr
rising voltage threshold
1.95
2.05
2.15
V
Vthf
falling voltage threshold
1.85
1.95
2.05
V
Vhys
hysteresis
0.1
V
Schmitt-trigger for reset 2
Vthr
rising voltage of regulator
note 3
4.3
4.45
4.6
V
Vthf
falling voltage of regulator
note 3
4.2
4.35
4.5
V
Vhys
hysteresis
0.1
V
Reset 1/2 buffer
Isink
LOW-level sink current
VRES ≤ 0.8 V; note 3
2
−−
mA
Rpu
internal pull-up resistor
3.7
4.7
5.7
k
Reset delay
Io
output current
0.75
−µA
Vthr
rising voltage threshold
1.4
2.0
2.8
V
td
delay time
Cd = 47 nF; note 4
40
125
ms
Battery buffer
VOL
LOW-level output voltage
II = 0 mA
0
0.05
0.8
V
VOH
HIGH-level output voltage
Io =5 µA; note 5
5.0
5.2
V
IOL
LOW-level output current
VOL ≤ 0.8 V
0.2
0.5
mA
IOH
HIGH-level output current
VOH ≥ 3 V
0.3
1.0
mA


Similar Part No. - TDA3606T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3606AT PHILIPS-TDA3606AT Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
More results

Similar Description - TDA3606T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com