Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-120 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-120
Description  22 W Triple Output Flyback Converter using DPA424R
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-120 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-120 Datasheet HTML 1Page - Power Integrations, Inc. DER-120 Datasheet HTML 2Page - Power Integrations, Inc. DER-120 Datasheet HTML 3Page - Power Integrations, Inc. DER-120 Datasheet HTML 4Page - Power Integrations, Inc. DER-120 Datasheet HTML 5Page - Power Integrations, Inc. DER-120 Datasheet HTML 6Page - Power Integrations, Inc. DER-120 Datasheet HTML 7Page - Power Integrations, Inc. DER-120 Datasheet HTML 8Page - Power Integrations, Inc. DER-120 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DER-120
22 W Triple Output Flyback – DPA424R
October 26, 2005
Page 5 of 25
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
28
48
60
VDC
No-load Input Power (60VDC)
1.2
W
Output
Output Voltage 1
VOUT1
3.135
3.3
3.465
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
50
mV
20 MHz Bandwidth
Output Current 1
IOUT1
0.75
2
A
Output Voltage 2
VOUT2
8.10
9.0
9.90
V
±10%
Output Ripple Voltage 2
VRIPPLE2
200
mV
20 MHz Bandwidth
Output Current 2
IOUT2
0.3
0.6
A
Output Voltage 3
VOUT3
21.6
24.0
26.4
V
±10%
Output Ripple Voltage 3
VRIPPLE3
300
mV
20 MHz Bandwidth
Output Current 3
IOUT3
0.1
0.4
A
Total Output Power
Continuous Output Power
POUT
7.6
21.6
W
Peak Output Power
POUT_PEAK
W
Efficiency
η
80
%
Measured at Max. POUT, 25
oC
Ambient Temperature
TAMB
0
40
oC
Free convection, Sea level


Similar Part No. - DER-120

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-121 POWERINT-DER-121 Datasheet
537Kb / 24P
   13.1 W AC-DC Flyback Converter Using TNY268P
More results

Similar Description - DER-120

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-48 POWERINT-DER-48 Datasheet
657Kb / 2P
   1.6W Dual Output Flyback Converter using LNK304P
DER-121 POWERINT-DER-121 Datasheet
537Kb / 24P
   13.1 W AC-DC Flyback Converter Using TNY268P
logo
STMicroelectronics
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
   4 W, 12 V output, isolated flyback converter using VIPer??Plus - VIPER06HS
May 2014 Rev 2
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
   8.4 W / 30 W peak power offline flyback converter using VIPER38HD
October 2016 Rev 1
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
   1 W TRIPLE OUTPUT DC-DC CONVERTER
June 1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
   2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
   15W, 12V output, isolated flyback converter using VIPer??Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
PEAK electronics GmbH
PPM05-A-0505DLF PEAK-PPM05-A-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com