Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20SKM04G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTM20SKM04G
Description  Buck chopper MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM20SKM04G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTM20SKM04G Datasheet HTML 1Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 2Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 3Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 4Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 5Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 6Page - Microsemi Corporation APTM20SKM04G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTM20SKM04G
www.microsemi.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 200V
Tj = 25°C
500
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 160V
Tj = 125°C
2000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 186A
4
5
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 10mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
28.9
Coss
Output Capacitance
9.32
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.58
nF
Qg
Total gate Charge
560
Qgs
Gate – Source Charge
212
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 100V
ID = 372A
268
nC
Td(on)
Turn-on Delay Time
32
Tr
Rise Time
64
Td(off)
Turn-off Delay Time
88
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 133V
ID = 372A
RG = 1.2Ω
116
ns
Eon
Turn-on Switching Energy
3396
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 133V
ID = 372A, RG = 1.2Ω
3716
µJ
Eon
Turn-on Switching Energy
3744
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 133V
ID = 372A, RG = 1.2Ω
3944
µJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
750
µA
IF
DC Forward Current
Tc = 80°C
300
A
IF = 300A
1
1.1
IF = 600A
1.4
VF
Diode Forward Voltage
IF = 300A
Tj = 125°C
0.9
V
Tj = 25°C
60
trr
Reverse Recovery Time
Tj = 125°C
110
ns
Tj = 25°C
600
Qrr
Reverse Recovery Charge
IF = 300A
VR = 133V
di/dt = 600A/µs
Tj = 125°C
2520
nC


Similar Part No. - APTM20SKM04G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20SKM04 ADPOW-APTM20SKM04 Datasheet
289Kb / 6P
   Buck chopper MOSFET IGBT Power Module
More results

Similar Description - APTM20SKM04G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50SKM35TG MICROSEMI-APTM50SKM35TG Datasheet
286Kb / 6P
   Buck Chopper MOSFET Power Module
APTM100SK18TG MICROSEMI-APTM100SK18TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM120SK29TG MICROSEMI-APTM120SK29TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM10SKM05TG MICROSEMI-APTM10SKM05TG Datasheet
280Kb / 6P
   Buck chopper MOSFET Power Module
APTM20SKM10TG MICROSEMI-APTM20SKM10TG Datasheet
287Kb / 6P
   Buck chopper MOSFET Power Module
APTM100SK33T1G MICROSEMI-APTM100SK33T1G Datasheet
151Kb / 5P
   Buck chopper MOSFET Power Module
APTM120SK56T1G MICROSEMI-APTM120SK56T1G Datasheet
152Kb / 5P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM100SK18T ADPOW-APTM100SK18T Datasheet
314Kb / 6P
   Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20SKM05G MICROSEMI-APTM20SKM05G Datasheet
276Kb / 6P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50SKM19 ADPOW-APTM50SKM19 Datasheet
289Kb / 6P
   Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com