Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-108 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-108
Description  7.2 W Dual Output Power Supply using TNY267G
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-108 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-108 Datasheet HTML 2Page - Power Integrations, Inc. DER-108 Datasheet HTML 3Page - Power Integrations, Inc. DER-108 Datasheet HTML 4Page - Power Integrations, Inc. DER-108 Datasheet HTML 5Page - Power Integrations, Inc. DER-108 Datasheet HTML 6Page - Power Integrations, Inc. DER-108 Datasheet HTML 7Page - Power Integrations, Inc. DER-108 Datasheet HTML 8Page - Power Integrations, Inc. DER-108 Datasheet HTML 9Page - Power Integrations, Inc. DER-108 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DER-108
Network Interface
October 26, 2005
Page 6 of 19
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
PCB Layout
Figure 3 – Printed Circuit Layout


Similar Part No. - DER-108

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
   15W Flyback Power Supply using TOP244P
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
   10W Compact Power Supply using TOP245R
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
More results

Similar Description - DER-108

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
   7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
   17.4 W Power Supply using TOP244P
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
   6W Dual Output Supply using VIPer12A
logo
Power Integrations, Inc...
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com