Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-100 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # DER-100
Description  24 W Primary-side Regulated Flyback Power Supply using TOP245Y
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-100 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-100 Datasheet HTML 1Page - Power Integrations, Inc. DER-100 Datasheet HTML 2Page - Power Integrations, Inc. DER-100 Datasheet HTML 3Page - Power Integrations, Inc. DER-100 Datasheet HTML 4Page - Power Integrations, Inc. DER-100 Datasheet HTML 5Page - Power Integrations, Inc. DER-100 Datasheet HTML 6Page - Power Integrations, Inc. DER-100 Datasheet HTML 7Page - Power Integrations, Inc. DER-100 Datasheet HTML 8Page - Power Integrations, Inc. DER-100 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DER-100
24W Flyback Power Supply – TOP245
December 7, 2005
Page 3 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report giving performance characteristics of a 24 W Flyback
converter – 8 V @ 3 A. This design uses TOPSwitch-GX – an integrated IC comprising a high
voltage MOSFET, and PWM controller.
This document contains power supply specification, schematic, bill-of-materials, transformer
documentation, printed circuit layout, and performance data. A photo of the power supply
prototype is shown in Figure 1.
Figure 1 – Power Supply Prototype – Top View


Similar Part No. - DER-100

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
   15W Flyback Power Supply using TOP244P
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
   10W Compact Power Supply using TOP245R
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
More results

Similar Description - DER-100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8033 FAIRCHILD-AN-8033 Datasheet
825Kb / 16P
   Primary Side Regulated (PSR) Flyback Converter
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
logo
Monolithic Power System...
MP6004 MPS-MP6004 Datasheet
1Mb / 23P
   Primary-Side Regulated Flyback/Buck 80V DCDC Converter
logo
Diodes Incorporated
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3983R DIODES-AP3983R Datasheet
696Kb / 15P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
logo
Fairchild Semiconductor
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com