Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-97 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # DER-97
Description  21.7 W Power Supply using TOP246P
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-97 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button DER-97 Datasheet HTML 7Page - Power Integrations, Inc. DER-97 Datasheet HTML 8Page - Power Integrations, Inc. DER-97 Datasheet HTML 9Page - Power Integrations, Inc. DER-97 Datasheet HTML 10Page - Power Integrations, Inc. DER-97 Datasheet HTML 11Page - Power Integrations, Inc. DER-97 Datasheet HTML 12Page - Power Integrations, Inc. DER-97 Datasheet HTML 13Page - Power Integrations, Inc. DER-97 Datasheet HTML 14Page - Power Integrations, Inc. DER-97 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DER-97
21.7 W PoE Adapter
September 12, 2005
Page 11 of 31
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
TRANSFORMER PRIMARY DESIGN PARAMETERS
LP
532
uHenries
Primary Inductance
NP
39
Primary Winding Number of Turns
NB
5
Bias Winding Number of Turns
ALG
358
nH/T^2
Gapped Core Effective Inductance
BM
3027
Gauss
Maximum Flux Density at PO, VMIN
(BM<3000)
BP
3957
Gauss
Peak Flux Density (BP<4200)
BAC
1029
Gauss
AC Flux Density for Core Loss Curves (0.5 X
Peak to Peak)
ur
2053
Relative Permeability of Ungapped Core
LG
0.11
mm
Gap Length (Lg > 0.1 mm)
BWE
16.3
mm
Effective Bobbin Width
OD
0.42
mm
Maximum Primary Wire Diameter including
insulation
INS
0.06
mm
Estimated Total Insulation Thickness (= 2 * film
thickness)
DIA
0.36
mm
Bare conductor diameter
AWG
28
AWG
Primary Wire Gauge (Rounded to next smaller
standard AWG value)
CM
161
Cmils
Bare conductor effective area in circular mils
CMA
362
Cmils/Amp
Primary Winding Current Capacity (200 < CMA
< 500)
TRANSFORMER SECONDARY DESIGN PARAMETERS (SINGLE OUTPUT EQUIVALENT)
Lumped parameters
ISP
1.63
Amps
Peak Secondary Current
ISRMS
0.77
Amps
Secondary RMS Current
IO
0.45
Amps
Power Supply Output Current
IRIPPLE
0.62
Amps
Output Capacitor RMS Ripple Current
CMS
153
Cmils
Secondary Bare Conductor minimum circular
mils
AWGS
28
AWG
Secondary Wire Gauge (Rounded up to next
larger standard AWG value)
DIAS
0.32
mm
Secondary Minimum Bare Conductor Diameter
ODS
0.78
mm
Secondary Maximum Outside Diameter for
Triple Insulated Wire
INSS
0.23
mm
Maximum Secondary Insulation Wall Thickness
VOLTAGE STRESS PARAMETERS
VDRAIN
584
Volts
Maximum Drain Voltage Estimate (Includes
Effect of Leakage Inductance)
PIVS
252
Volts
Output Rectifier Maximum Peak Inverse
Voltage
PIVB
65
Volts
Bias Rectifier Maximum Peak Inverse Voltage
TRANSFORMER SECONDARY DESIGN PARAMETERS (MULTIPLE OUTPUTS)
1st output
VO1
48
Volts
Output Voltage
IO1
0.452083
3333
Amps
Output DC Current
PO1
21.70
Watts
Output Power
VD1
1
Volts
Output Diode Forward Voltage Drop
NS1
21.00
Output Winding Number of Turns
ISRMS1
0.766
Amps
Output Winding RMS Current
IRIPPLE1
0.62
Amps
Output Capacitor RMS Ripple Current
PIVS1
252
Volts
Output Rectifier Maximum Peak Inverse
Voltage
CMS1
153
Cmils
Output Winding Bare Conductor minimum
circular mils


Similar Part No. - DER-97

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-97

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
   17.4 W Power Supply using TOP244P
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com