Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-94 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DER-94
Description  46 W Power Supply using TOP246Y
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-94 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-94 Datasheet HTML 6Page - Power Integrations, Inc. DER-94 Datasheet HTML 7Page - Power Integrations, Inc. DER-94 Datasheet HTML 8Page - Power Integrations, Inc. DER-94 Datasheet HTML 9Page - Power Integrations, Inc. DER-94 Datasheet HTML 10Page - Power Integrations, Inc. DER-94 Datasheet HTML 11Page - Power Integrations, Inc. DER-94 Datasheet HTML 12Page - Power Integrations, Inc. DER-94 Datasheet HTML 13Page - Power Integrations, Inc. DER-94 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
DER-94
LCD Monitor Internal Supply
September 12, 2005
Page 10 of 34
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Printed Circuit Layout
Figure 4 – Printed Circuit Layout


Similar Part No. - DER-94

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-94

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
   17.4 W Power Supply using TOP244P
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
   Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com