Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3566 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3566
Description  PAL/NTSC decoder
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3566 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3566 Datasheet HTML 3Page - NXP Semiconductors TDA3566 Datasheet HTML 4Page - NXP Semiconductors TDA3566 Datasheet HTML 5Page - NXP Semiconductors TDA3566 Datasheet HTML 6Page - NXP Semiconductors TDA3566 Datasheet HTML 7Page - NXP Semiconductors TDA3566 Datasheet HTML 8Page - NXP Semiconductors TDA3566 Datasheet HTML 9Page - NXP Semiconductors TDA3566 Datasheet HTML 10Page - NXP Semiconductors TDA3566 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
February 1994
7
Philips Semiconductors
Product specification
PAL/NTSC decoder
TDA3566A
Data insertion
Each colour amplifier has a separate
input for data insertion.
A 1 V peak-to-peak input signal
provides a 3.8 V peak-to-peak output
signal.
To avoid the black-level of the
inserted signal differing from the black
level of the normal video signal, the
data is clamped to the black level of
the luminance signal. Therefore AC
coupling is required for the data
inputs.
To avoid a disturbance of the blanking
level due to the clamping circuit, the
source impedance of the driver circuit
must not exceed 150
Ω. The data
insertion circuit is activated by the
data blanking input (pin 9). When the
voltage at this pin exceeds a level of
0.9 V, the RGB matrix circuits are
switched off and the data amplifiers
are switched on.
To avoid coloured edges, the data
blanking switching time is short. The
amplitude of the data output signals is
controlled by the contrast control at
pin 6. The black level is equal to the
video black level and can be varied
between 2 and 4 V (nominal
condition) by the brightness control
voltage at pin 11.
Non-synchronized data signals do not
disturb the black level of the internal
signals.
Blanking of RGB and data signals
Both the RGB and data signals can
be blanked via the sandcastle input
(pin 7). A slicing level of 1.5 V is used
for this blanking function, so that the
wide part of the sandcastle pulse is
separated from the remainder of the
pulse. During blanking a level of +1 V
is available at the output. To prevent
parasitic oscillations on the third
overtone of the crystal the optimum
tuning capacitance should be 10 pF.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
13.2
V
Ptot
total power dissipation
1700
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−25
+150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
40 K/W


Similar Part No. - TDA3566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA3561A PHILIPS-TDA3561A Datasheet
165Kb / 14P
   PAL decoder
September 1982
logo
STMicroelectronics
TDA3562 STMICROELECTRONICS-TDA3562 Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
More results

Similar Description - TDA3566

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com