Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-56 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # DER-56
Description  4.8W Charger using LNK520P
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-56 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button DER-56 Datasheet HTML 5Page - Power Integrations, Inc. DER-56 Datasheet HTML 6Page - Power Integrations, Inc. DER-56 Datasheet HTML 7Page - Power Integrations, Inc. DER-56 Datasheet HTML 8Page - Power Integrations, Inc. DER-56 Datasheet HTML 9Page - Power Integrations, Inc. DER-56 Datasheet HTML 10Page - Power Integrations, Inc. DER-56 Datasheet HTML 11Page - Power Integrations, Inc. DER-56 Datasheet HTML 12Page - Power Integrations, Inc. DER-56 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DER-56
UPS Battery Charger - LNK520
April 20, 2005
Page 9 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Bill Of Materials
Item QTY Ref Des
Description
Manufacturer
Mfg Part Number
1
2
C1 C2
10uF, 400 V, Electrolytic, Low ESR, 2.9
Ohms, (10 x 20)
UCC
KMX400VB10RM10X20LL
2
1
C3
1uF, 50 V, Electrolytic, Gen. Purpose, (5
x 11)
UCC
KMG50VB1R0M5X11LL
3
1
C4
1nF, 1 kV, Disc Ceramic
Panasonic
ECK-D3A102KBP
4
1
C5
1.0uF, 50 V, Ceramic, X7R
Panasonic
ECU-S1H105KBB
5
1
C6
330uF, 35 V, Electrolytic, Very Low ESR,
38mOhm, (10 x 16)
UCC
KZE35VB331MJ16LL
6
1
C7
100nF, 50 V, Ceramic, X7R
Panasonic
ECU-S1H104KBB
7
4
D1 D2 D3 D4
800 V, 1 A, Rectifier, DO-41
1N4006
8
1
D5
1000 V, 1 A, Rectifier, Glass Passivated,
2 us, DO-41
1N4007GP
9
1
D6
600 V, 1 A, Fast Recovery Diode, 200 ns,
DO-41
1N4937
10
1
D7
100 V, 1.1 A, Schottky, DO-41
11DQ10
11
1
L1
1mH, 0.15 A, Ferrite Core
Tokin
SBCP-47HY102B
12
1
R1
200 k, 5%, 1/2 W, Carbon Film
CFR-50JB-200K
13
1
R2
100 R, 5%, 1/8 W, Carbon Film
CFR-12JB-91R
14
1
R3
200 R, 5%, 1/4 W, Carbon Film
CFR-25JB-200R
15
1
R4
7.5 k, 1%, 1/4 W, Metal Film
MFR-25FBF-7K50
16
1
R6
19.1 k, 1%, 1/4 W, Metal Film
MFR-25FBF-19K1
17
1
R7
4.99 k, 1%, 1/4 W, Metal Film
MFR-25FBF-4K99
18
1
R8
470 R, 5%, 1/8 W, Carbon Film
CFR-12JB-470R
19
1
RF1
8.2 R, 2.5 W, Fusible/Flame Proof Wire
Wound
CRF253-4 5T 8R2
20
1
T1
EE16 Flyback Transformer
21
1
U1
LinkSwitch, LNK520P, DIP-8B
Power Integrations
LNK520P
22
1
U2
Opto coupler, 35 V, CTR 300-600%, 4-
DIP
Isocom, Sharp
ISP817D, PC817X4
23
1
U3
2.495 V Shunt Regulator IC, 2%, 0 to
70C, TO-92
TI
TL431CLP


Similar Part No. - DER-56

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
More results

Similar Description - DER-56

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-39 POWERINT-DER-39 Datasheet
814Kb / 23P
   2.5W Adapter using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-62 POWERINT-DER-62 Datasheet
910Kb / 24P
   3.0 W Charger using LNK363P
logo
STMicroelectronics
AN1283 STMICROELECTRONICS-AN1283 Datasheet
324Kb / 7P
   A BATTERY CHARGER USING TSM101
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
   LITHIUM ION BATTERY CHARGER USING C8051F300
logo
NTE Electronics
NTE1081A NTE-NTE1081A Datasheet
78Kb / 1P
   Integrated Circuit Audio Power Amplifier, 4.8W
logo
Power Integrations, Inc...
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
   5 W, 5 V Charger using TNY274P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com