Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-53 Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # DER-53
Description  20W Dual Output Power Supply using TOP247Y
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button DER-53 Datasheet HTML 19Page - Power Integrations, Inc. DER-53 Datasheet HTML 20Page - Power Integrations, Inc. DER-53 Datasheet HTML 21Page - Power Integrations, Inc. DER-53 Datasheet HTML 22Page - Power Integrations, Inc. DER-53 Datasheet HTML 23Page - Power Integrations, Inc. DER-53 Datasheet HTML 24Page - Power Integrations, Inc. DER-53 Datasheet HTML 25Page - Power Integrations, Inc. DER-53 Datasheet HTML 26Page - Power Integrations, Inc. DER-53 Datasheet HTML 27Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DER-53
105C Dual Output Cook top Power Supply
April 20, 2005
Page 25 of 27
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12 Conducted EMI
A conducted EMI scan of the prototype was taken to determine the effectiveness of the
input filter, transformer construction and layout. The following plots show the Peak
performance of the converter against quasi-peak (QP) and average (AVG) limits of
EN55022 Class B. Both scans were taken at 115VAC/60Hz input with peak load applied
to both output rails.
Figure 28 - Conducted EMI, Maximum Steady State Load (Line)
Figure 29 - Conducted EMI, Maximum Steady State Load (Neutral)
Since the peak scan is below the average limits, it is expected that the QP scans would
have greater than 10db of margin below the limits.


Similar Part No. - DER-53

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
   4.8W Charger using LNK520P
More results

Similar Description - DER-53

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
   20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_09 Datasheet
254Kb / 2P
   20W Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com