Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA3508 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA3508
Description  Video control combination circuit with automatic cut-off control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA3508 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1996 Oct 25
6
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3508
PINNING
SYMBOL
PIN
DESCRIPTION
RO
1
red output
CGC
2
green storage capacitor for cut-off
control
GO
3
green output
CBC
4
blue storage capacitor for cut-off
control
BO
5
blue output
VP
6
supply voltage (+12 V)
CB
7
blue storage capacitor for
brightness
CG
8
green storage capacitor for
brightness
CR
9
red storage capacitor for brightness
SC
10
sandcastle pulse input
FSW
11
fast switch for RGB inputs
BI
12
blue input (external signal)
GI
13
green input (external signal)
RI
14
red input (external signal)
Y
15
luminance input
SAT
16
saturation control input
−(R−Y)
17
colour difference input
−(B−Y)
18
colour difference input
CON
19
contrast control input
BRI
20
brightness control input
WPB
21
white point adjustment input; blue
WPG
22
white point adjustment input; green
WPR
23
white point adjustment input; red
GND
24
ground (0 V)
PBL
25
control input for peak beam current
limiting
ACO
26
automatic cut-off control input
CSL
27
storage capacitor for leakage
current
CRC
28
red storage capacitor for cut-off
control
Fig.3 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA3508
MSA738
RO
CGC
GO
CBC
BO
V
CB
CG
CR
SC
FSW
BI
GI
RI
P
CRC
CSL
ACO
PBL
GND
WPR
WPG
WPB
BRI
CON
(B Y)
(R Y)
SAT
Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn