Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STI7200 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. STI7200
Description  Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STI7200 Datasheet(HTML) 3 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STi7200
Applications
CD00145658
3/8
A second memory bus is provided for flash memory, storing resident software, and for
connection of peripherals. This bus also has a high speed synchronous mode that can be
used to exchange data between two STi7200 devices.
A 32-bit MPX initiator (EMI module) and target (EMPI module) interconnect external devices
such as the STVi498.
A Blu-ray disc and hard disk drive (HDD) can be connected through the serial ATA interfaces
(2x). An expansion hard disk drive can be connected through a USB 2.0 port (3x). See
Figure 4.
For IP-TV and home network applications, the two integrated 100BT Ethernet controllers
with MII/RMII interface can be used for IP delivery and distribution, as shown in Figure 1.
The USB or Ethernet interfaces can also be used to connect to a DOCSIS 2.0 CM gateway
for interactive cable applications.
The STi7200 is supported by STMicroelectronics’ STAPI software.
Figure 1.
Low-cost HD IP-TV set-top box with hard disk drives
7200
Flash
2 x 256 Mbit
RS232
SATA
IR
Tx/Rx
Smart
cards
RGB/YPbPr/
HDMI
SATA
EMI/MPX
Ethernet
RJ45
PHY
MII
USB 2.0
USB 2.0
USB 2.0
DDR2
STE101P
Expansion HDD
HDD
STi7200


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STI7109Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9 1 2 3 4 5 MoreSTMicroelectronics
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
EM8400MPEG-2 Decoder for Set-top DVD and Streaming Applications 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BCM7452AVC/MPEG-2/VC-1 HD DECODE/SD DISPLAY SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE IP CABLE AND WATCH-AND-RECORD DVR 1 2 Broadcom Corporation.
MAX2016_06LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power Gain and VSWR Measurements 1 2 3 4 5 MoreMaxim Integrated Products
PSD835G2V_07Flash PSD 3 V supply for 8-bit MCUs 4 Mbit + 256 Kbit dual Flash memories and 64 Kbit SRAM 1 2 3 4 5 MoreSTMicroelectronics
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
FMS6403_05Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn