Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI7109 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7109
Description  Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7109 Datasheet(HTML) 1 Page - STMicroelectronics

  STI7109 Datasheet HTML 1Page - STMicroelectronics STI7109 Datasheet HTML 2Page - STMicroelectronics STI7109 Datasheet HTML 3Page - STMicroelectronics STI7109 Datasheet HTML 4Page - STMicroelectronics STI7109 Datasheet HTML 5Page - STMicroelectronics STI7109 Datasheet HTML 6Page - STMicroelectronics STI7109 Datasheet HTML 7Page - STMicroelectronics STI7109 Datasheet HTML 8Page - STMicroelectronics STI7109 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 2
1/9
9
STi7109
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
Features
The STi7109 is a single-chip, high-definition
video decoder including:
–Microsoft® VC-1, WMA9 and H.264
support
–Linux®, Windows® CE and OS21
compatible ST40 CPU core: 266 MHz
– transport filtering and descrambling
– video decoder: VC-1 (including WMA 9),
H.264 (MPEG-4 part 10) and MPEG-2
– SVP compliant
– Windows® DRM support
– graphics engine and dual display: standard
and high-definition
– audio decoder: including Windows Media®
Audio 9 (WMA-9) and WMA-9 Pro
– DVD data retrieval and decryption
The STi7109 also features the following
embedded interfaces:
– USB 2.0 host controller/PHY interface
– DVI/HDMIoutput
– digital audio and video auxiliary inputs
– low-cost modem
– 100BT ethernet controller with integrated
MAC and MII/RMII interface for external
PHY
– serial ATA (SATA)
32
CP
ST40 core 266 MHz
UDI
16 K Icache
MMU
Int. control
32 K Dcache
LMI
Digital
video input
DEI
S/PDIF
2-ch
PCM in
SD
video in
TMDS main video
DENC
3x
SSCs
4x
UARTs
ILC
2x I/F
SmCard
6x GPIO
PWM
MAFE
interface
IR
Tx/Rx
STBus
Main video
display
FDMA
AudioL
TSmerger/router
Display
compositor
2D gamma
blitter
DACs
DVI-HDCP
HDMI
Output stage
Main video
output (HD)
YPbPr
Aux video
output (SD)
YC/CVBS
USB
AudioR
2 x PDES
Clock
generator
5 x 2-ch
PCM out
Peripheral I/O
and external interrupts
TSIN0
NRSS-A
TSIN1 TS I/O
and system
services
DACs
CUR
3 x GDP
Aux video
display
Audio decoder
and interfaces
Audio
DACs
PTI
output (HD)
Video decoder
VC-1 (inc WMV-9)
H264/MPEG-2
2.0
Serial
ATA
interface
LMI
32
SDRAM
DDR
Video
System
ST231
core
ST231
core
Ethernet,
MII/RMII
MII/RMII for 100BT
Ethernet
EMI
Flash
or companion chip
EMPI
PTI
www.st.com


Similar Part No. - STI7109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
   Low-cost HDTV set-top box decoder for H.264
STI7105 STMICROELECTRONICS-STI7105 Datasheet
143Kb / 11P
   Low cost advanced HD decoding IC for STB
STI7105ZUB STMICROELECTRONICS-STI7105ZUB Datasheet
143Kb / 11P
   Low cost advanced HD decoding IC for STB
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
   Advanced HD decoder
More results

Similar Description - STI7109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
   Low-cost set-top box decoder for H.264 and Microsoft VC1
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
   Low-cost HDTV set-top box decoder for H.264
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI7200 STMICROELECTRONICS-STI7200 Datasheet
206Kb / 8P
   Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
STI7200 STMICROELECTRONICS-STI7200_11 Datasheet
68Kb / 4P
   Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
   Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com