Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE70IE120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE70IE120
Description  Monolithic Emitter Switched Bipolar Transistor ESBT짰 1200 V - 70 A - 0.014Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE70IE120 Datasheet(HTML) 2 Page - STMicroelectronics

  STE70IE120 Datasheet HTML 1Page - STMicroelectronics STE70IE120 Datasheet HTML 2Page - STMicroelectronics STE70IE120 Datasheet HTML 3Page - STMicroelectronics STE70IE120 Datasheet HTML 4Page - STMicroelectronics STE70IE120 Datasheet HTML 5Page - STMicroelectronics STE70IE120 Datasheet HTML 6Page - STMicroelectronics STE70IE120 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical ratings
STE70IE120
2/7
1
Electrical ratings
1.1
Thermal data
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS)
Collector-source voltage (VBS = VGS = 0V)
1200
V
VBS(OS)
Base-source voltage (IC = 0, VGS = 0V)
40
V
VSB(OS)
Source-base voltage (IC = 0, VGS = 0V)
12
V
VGS
Gate-source voltage
± 20
V
IC
Collector current
70
A
ICM
Collector peak current (tp < 5ms)
150
A
IB
Base current
20
A
IBM
Base peak current (tP < 1ms)
70
A
Ptot
Total dissipation at TC = 25°C
TBD
W
TSTG
Storage temperature
-65 to 150
°C
TJ
Maximum operating junction temperature
150
°C
VISO
Insulation withstand voltage (AC-RMS) from all
four leads to external heatsink
2500
V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJ-case
Rthc-h
Thermal resistance junction-case (Max)
Thermal resistance case-heatsink with conductive
grease applied (Max)
TBD
TBD
°C/W
°C/W


Similar Part No. - STE70IE120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
More results

Similar Description - STE70IE120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC05DE120HV STMICROELECTRONICS-STC05DE120HV Datasheet
229Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1200V - 5A - 0.18 ohm
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_07 Datasheet
254Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STE50DE100 STMICROELECTRONICS-STE50DE100 Datasheet
271Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1000 V - 50 A - 0.026 W POWER MODULE
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com