Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD60NF55L-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD60NF55L-1
Description  N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NF55L-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD60NF55L-1 Datasheet HTML 4Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 5Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 6Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 7Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 8Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 9Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 10Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 11Page - STMicroelectronics STD60NF55L-1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Test circuit
STD60NF55L - STD60NF55L-1
8/14
3
Test circuit
Figure 12. Switching times test circuit for
resistive load
Figure 13. Gate charge test circuit
Figure 14. Test circuit for inductive load
switching and diode recovery times
Figure 15. Unclamped Inductive load test
circuit
Figure 16. Unclamped inductive waveform
Figure 17. Switching time waveform


Similar Part No. - STD60NF55L-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD60NF55L-1 VBSEMI-STD60NF55L-1 Datasheet
979Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD60NF55L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK STripFET??II Power MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
   N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET??II POWER MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
   N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
[Old version datasheet]   N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com