Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2329QTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2329QTR
Description  2-bit dual supply level translator without control pin
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329QTR Datasheet(HTML) 1 Page - STMicroelectronics

  ST2329QTR Datasheet HTML 1Page - STMicroelectronics ST2329QTR Datasheet HTML 2Page - STMicroelectronics ST2329QTR Datasheet HTML 3Page - STMicroelectronics ST2329QTR Datasheet HTML 4Page - STMicroelectronics ST2329QTR Datasheet HTML 5Page - STMicroelectronics ST2329QTR Datasheet HTML 6Page - STMicroelectronics ST2329QTR Datasheet HTML 7Page - STMicroelectronics ST2329QTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
May 2007
Rev 1
1/8
8
Features
100 Mbps (typ.) data rate when driven by a
totem pole driver
4 Mbps (typ.) data rate when driven by a Open
Drain pole driver
Bidirectional level translation, without
direction pin
Wide VL voltage range of 1.65V to 3.6V
Wide VCC voltage range of 1.80V to 5.5V
Power down mode feature – when either
supply is off, all I/Os are in High Impedance.
Low quiescent current (max 10µA)
Suitable to be driven by Totem Pole and Open
Drain driver.
5.5V tolerant enable pin
ESD Performance on all Pins : ±2kv HBM
Small package and footprint
QFN10 ( 1.8 x 1.4 mm ) package
Application
Low voltage system level translation
Mobile phone
Other mobile devices
I2C level translation
UART level translation
Description
ST2329 is a level translator providing level shifting
necessary to allow data transfer in a multi-voltage
system. Externally applied voltages, VCC and VL,
set the logic levels on either side of the device. It
utilizes transmission gate based design that
allows bidirectional level translation without
control pin.
The ST2329 accepts VL from 1.65V to 3.6V and
VCC from 1.80V to 5.5V, making it ideal for data
transfer between low-voltage ASICs /PLD and
higher voltage system. This device has three-
state output mode that disables all I/Os.
ST2329 supports power-down mode at either of
its supply (VL or VCC) where it will disable all I/Os
when one of the supply is off. This feature will
protect the device from current backflow through
the device.
QFN10L (1.8mm x 1.4mm)
ST2329
2-bit dual supply level translator
without control pin
www.st.com
Table 1.
Device summary
Part number
Package
Packaging
ST2329QTR
QFN10L (1.8mm x 1.4mm)
Tape and Reel (3000 parts per reel)


Similar Part No. - ST2329QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329QTR STMICROELECTRONICS-ST2329QTR Datasheet
435Kb / 21P
   2-bit dual supply level translator without direction control pin
More results

Similar Description - ST2329QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
   2-bit dual supply level translator without direction control pin
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
   2-bit dual supply level translator without direction control pin
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
   8-bit dual supply level translator without direction control pin
August 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
   2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com