Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-40 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # DER-40
Description  21W (45W peak) Multiple Output Power Supply using TOP246Y
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-40 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button DER-40 Datasheet HTML 19Page - Power Integrations, Inc. DER-40 Datasheet HTML 20Page - Power Integrations, Inc. DER-40 Datasheet HTML 21Page - Power Integrations, Inc. DER-40 Datasheet HTML 22Page - Power Integrations, Inc. DER-40 Datasheet HTML 23Page - Power Integrations, Inc. DER-40 Datasheet HTML 24Page - Power Integrations, Inc. DER-40 Datasheet HTML 25Page - Power Integrations, Inc. DER-40 Datasheet HTML 26Page - Power Integrations, Inc. DER-40 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DER-40
DVD/RW HDD PSU using TOP246Y
February 22, 2005
Page 23 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11 Control Loop Measurements
The power supply is loaded at 21W continuous load.
11.1 110 VAC Maximum Continuous Load
Figure 9 - Gain-Phase Plot, 110 VAC, 21W Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 30
°/div.
Crossover Frequency = 3 kHz Phase Margin = 105
°
11.2 230 VAC Maximum Continuous Load
Figure 10 - Gain-Phase Plot, 230 VAC, 21W Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 30°/div.
Crossover Frequency = 6.5 kHz, Phase Margin = 60
°


Similar Part No. - DER-40

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
More results

Similar Description - DER-40

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
TOP245P POWERINT-TOP245P_1 Datasheet
612Kb / 25P
   Title 32W (47W peak) Multiple Output supply
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
logo
Mean Well Enterprises C...
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
   45W Triple Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com