Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA3505 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA3505
Description  Video control combination circuit with automatic cut-off control
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA3505 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
November 1987
5
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3505
TDA3506
PINNING
PIN
DESCRIPTION
1
red output
2
green storage capacitor for cut-off control
3
green output
4
blue storage capacitor for cut-off control
5
blue output
6
positive supply voltage (
+ 12 V)
7
blue storage for brightness
8
green storage for brightness
9
red storage for brightness
10
sandcastle pulse input
11
fast switch for RGB inputs
12
blue input (external signal)
13
green input (external signal)
14
red input (external signal)
15
luminance input
16
saturation control input
17
colour difference input
− (R-Y) or + (R-Y) respectively
18
colour difference input
− (B-Y) or + (B-Y) respectively
19
contrast control input
20
brightness control input
21
white point adjustment, blue
22
white point adjustment, green
23
white point adjustment, red
24
ground (0 V)
25
control input for peak beam current limiting
26
automatic cut-off control input
27
storage capacitor for leakage current
28
red storage capacitor for cut-off control


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn