Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-33 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-33
Description  3.9W CV/CC Charger using TNY266P with < 100 mW standby
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-33 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-33 Datasheet HTML 1Page - Power Integrations, Inc. DER-33 Datasheet HTML 2Page - Power Integrations, Inc. DER-33 Datasheet HTML 3Page - Power Integrations, Inc. DER-33 Datasheet HTML 4Page - Power Integrations, Inc. DER-33 Datasheet HTML 5Page - Power Integrations, Inc. DER-33 Datasheet HTML 6Page - Power Integrations, Inc. DER-33 Datasheet HTML 7Page - Power Integrations, Inc. DER-33 Datasheet HTML 8Page - Power Integrations, Inc. DER-33 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
3.9W CV/CC Charger using TNY266P with
< 100 mW standby
Specification
Input: 85 – 265 VAC
Output: 6.5V / 0.6A
Application
Cell Phone Charger
Author
Power Integrations Applications Department
Document
Number
DER-33
Date
April 1, 2004
Revision
1.0
Summary and Features
This document is an engineering report describing a 6.5 VDC, 600 mA CV/CC
Charger utilizing a TNY266P featuring:
• No load power consumption ~69 mW @ 230V
• Achieves cable-drop compensation with no TL431
• Uses TNY266P
• Low cost , low parts count
• No Y-cap needed to meet CISPR-22 EMI even with artificial hand
• Very low AC leakage current
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found
at www.powerint.com.


Similar Part No. - DER-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
DER-36 POWERINT-DER-36 Datasheet
274Kb / 23P
   42W, 4 Output Supply using TOP245Y
DER-37 POWERINT-DER-37 Datasheet
1Mb / 32P
   16W Low Profile Adapter Supply using TOP245P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
More results

Similar Description - DER-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
   4.5 W CV/CC Charger with <260 mW No-Load Consumption
DER-111 POWERINT-DER-111 Datasheet
672Kb / 23P
   3.15W Adapter with < 100 mW standby using LNK500P
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
logo
Unisonic Technologies
UM607 UTC-UM607 Datasheet
167Kb / 6P
   CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
logo
AUK corp
SL71062 AUK-SL71062 Datasheet
188Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71063 AUK-SL71063 Datasheet
188Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
   CC, CV Control for Battery Charger & Adaptor
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com