Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-3401-4XX Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-3401-4XX
Description  3mm Round Optopipe Optical Light Pipe, 3 Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3401-4XX Datasheet(HTML) 1 Page - Dialight Corporation

  597-3401-4XX Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm Round
®
Optopipe®
Optical Light Pipe, 3 Array
515-1069
1.52
[.060]
6.35
[.250]
2.34
[.092]
8.69
[.342]
4.01
[.158]
1.35
[.053]
1.45
[.057]
1.70
[.067]
13.06
[.514]
3.56
[Ø.140]
6.35
[.250]
3.18
[.125]
3.61
[.142]
4.19
[.165]
2.39
[.094]
2.00
[.079]TYP;
(2) PLACE
S
16.26
[.640]
RECOMMENDED PIN HOLES
AND SOLDER
PAD
LAYOUT FOR SUGGESTED MicroLED LEDs
COMPONENT SIDE OF PRINTED CIRCUIT BOARD
DIRECTION
OF LIGHT
3.00
[.118]
NOTE:
C.L. of
LED
3.56
[.140]
1.93
[.076
±.002]
Dimensions in mm [inches]
NOTE: designed for
post-reflow
PC board insertion.
Recommended
MicroLED SMT LEDs
for use with 515-1069
PART NO.
COLOR
PAGE #
597-3111-4xx
AlGaAs Red
1-28
597-3201-4xx
Orange
1-28
597-3311-4xx
Green
1-28
597-3401-4xx
Yellow
1-28
Features
• Complements Dialight’s 515-1020 and 515-1071
Optopipe Light Pipes
• High transmissivity polycarbonate material
• UL94V-0 compliance
• ESD protection (circuit isolation from front panel)
• Wide viewing angle
• Arrays reduce insertion costs
• Secures to PCB by press-fit
LED Data
For absolute maximum ratings and other electri-
cal and optical data on the recommended LEDs,
refer to LED data sheets.
Dialight Optopipe
® Light Pipe Description
This light pipe’s circular light emitting surfaces appear bright and uniform in intensity. It is reliably held in place by 2
press-fit pins located between the 3 light pipe elements. This Optopipe
® functions as a through-the-case indicator with a
textured finish on the 3 light emitting surface that increases its viewing angle. The recommended light sources are Dialight's
597 Series PLCC-2 or PLCC-4 Type SMT LEDs. The LEDs are mounted in a straight line on an 0.250" pitch. The light pipe
material is water clear transmissive polycarbonate rated UL94-V0, and has a 35% oxygen index.
Dialight can provide custom Optopipe
® solutions for your applications.
Operating/Storage Temperature
–30°C to +100°C


Similar Part No. - 597-3401-4XX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3401-4XX DIALIGHT-597-3401-4XX Datasheet
15Kb / 1P
   Optical Light Pipe, 2 Array
More results

Similar Description - 597-3401-4XX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3021-507 DIALIGHT-597-3021-507 Datasheet
180Kb / 2P
   2mm Round MicroLED Optopipe Optical Light Pipe, 2 Array
515-1070 DIALIGHT-515-1070 Datasheet
409Kb / 1P
   3 x 5mm Rectangular Optopipe Optical Light Pipe, 2 Array (RJ45 Jack)
515-1094 DIALIGHT-515-1094 Datasheet
416Kb / 1P
   3mm Round Optical Light Pipe, Bi-Level
logo
LUMEX INC.
LPA-C011302S-13 LUMEX-LPA-C011302S-13 Datasheet
41Kb / 1P
   3MM ROUND LIGHT PIPE
logo
Dialight Corporation
515-1054 DIALIGHT-515-1054 Datasheet
451Kb / 1P
   2 x 5mm Rectangular Optopipe Optical Light Pipe, Single
515-1071 DIALIGHT-515-1071 Datasheet
15Kb / 1P
   Optical Light Pipe, 2 Array
515-1033 DIALIGHT-515-1033 Datasheet
419Kb / 1P
   3.2mm Round Optical Light Pipe, 2 Array, Panel Mounted
515-1038 DIALIGHT-515-1038 Datasheet
454Kb / 1P
   5.8mm Round Optical Light Pipe, Single
logo
LUMEX INC.
LPF-C013301S LUMEX-LPF-C013301S Datasheet
48Kb / 1P
   3 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
logo
Dialight Corporation
515-1040 DIALIGHT-515-1040 Datasheet
19Kb / 1P
   Optical Light Pipe, 4 Array, Panel Mounted
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com