Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45GR50LFT7 Datasheet(PDF) 2 Page - Bi technologies

Part # 45GR50LFT7
Description  4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

45GR50LFT7 Datasheet(HTML) 2 Page - Bi technologies

  45GR50LFT7 Datasheet HTML 1Page - Bi technologies 45GR50LFT7 Datasheet HTML 2Page - Bi technologies 45GR50LFT7 Datasheet HTML 3Page - Bi technologies 45GR50LFT7 Datasheet HTML 4Page - Bi technologies 45GR50LFT7 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1-26
Model 45
TOP ADJUSTMENT (Inch/mm)
.025
.63
3X
.200
5.08
.190
4.83
.209
5.31
.022
.55
.039
.99
3X
.063
1.60
.138
3.51
.154
3.91
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.113
2.87
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
Model 45W
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
2Meg
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient, Maximum
±100ppm/°C (<100 Ohms = ±250ppm/°C)
Operating Temperature Range
–65°C to +150°C
Thermal Shock
5 cycles, –65°C to +150°C (2%
∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (2%
∆RT, IR 10 Megohms Min.)
Shock, 6ms Sawtooth
100G’s (1%
∆RT, 1% ∆VR)
Vibration
20G’s, 10 to 2,000 Hz (1%
∆RT, 1% ∆VR)
Rotational Life
200 cycles (3%
∆RT, 1% CRV)
Load Life at 0.25 Watts
1,000 hours at 85°C (2%
∆RT, 1% CRV)
Resistance to Solder Heat
260°C for 10 sec. (1%
∆RT)
Temperature Exposure, Maximum
215°C for 3 min. (1%
∆RT)
Solderability
Per MIL-STD-202, Method 208
MECHANICAL
Mechanical Stops
Clutch action, both ends
Torque, Starting Maximum
3 oz.-in. (0.021 N-m)
Weight, Nominal
.01 oz. (0.3 grams)
ENVIRONMENTAL


Similar Part No. - 45GR50LFT7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
45G122 TOSHIBA-45G122 Datasheet
835Kb / 16P
   Discrete IGBTs
45G124 TOSHIBA-45G124 Datasheet
835Kb / 16P
   Discrete IGBTs
45G127 TOSHIBA-45G127 Datasheet
297Kb / 6P
   High Power Switching Applications
45G127 TOSHIBA-45G127 Datasheet
179Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
45G127 TOSHIBA-45G127 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 45GR50LFT7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
   3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
   5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
Revision 16-Jul-03
logo
Bi technologies
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com