Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM71404R7LFTR Datasheet(PDF) 1 Page - Bi technologies

Part # HM71404R7LFTR
Description  High Performance Low Cost Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM71404R7LFTR Datasheet(HTML) 1 Page - Bi technologies

  HM71404R7LFTR Datasheet HTML 1Page - Bi technologies HM71404R7LFTR Datasheet HTML 2Page - Bi technologies HM71404R7LFTR Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
70
• Operating Temperature Range
-40°C to +125°C
• Insulation System
Class B, 130°C
• Temperature Rise at Irms, Typical
40°C

Electrical / Environmental
High Performance Low Cost
Surface Mount Inductors
DC
Part
Inductance
(1)
Resistance
(4)
ISAT
(2)
Irms
(3)
Competitor
Number
µH ±20%
Max.
Amps
Amps rms
Part Number
Specifications
RoHS
Compliant
HM71-101R0LF
1.0
0.05
2.90
2.9
DO1608C-102ML
HM71-101R5LF
1.5
0.05
2.60
2.8
DO1608C-152ML
HM71-102R2LF
2.2
0.07
2.30
2.4
DO1608C-222ML
HM71-103R3LF
3.3
0.08
2.0
2.0
DO1608C-332ML
HM71-104R7LF
4.7
0.09
1.50
1.5
DO1608C-472ML
HM71-106R8LF
6.8
0.13
1.20
1.4
DO1608C-682ML
HM71-10100LF
10
0.16
1.10
1.1
DO1608C-103ML
HM71-10150LF
15
0.23
0.90
1.2
DO1608C-153ML
HM71-10220LF
22
0.37
0.70
0.8
DO1608C-223ML
HM71-10330LF
33
0.51
0.58
0.6
DO1608C-333ML
HM71-10470LF
47
0.64
0.50
0.5
DO1608C-473ML
HM71-10680LF
68
0.86
0.40
0.4
DO1608C-683ML
HM71-10101LF
100
1.27
0.31
0.3
DO1608C-104ML
HM71-10151LF
150
2.0
0.27
0.25
DO1608C-154ML
HM71-10221LF
220
2.65
0.22
0.2
DO1608C-224ML
HM71-10331LF
330
3.80
0.18
0.16
DO1608C-334ML
HM71-10471LF
470
5.06
0.16
0.15
DO1608C-474ML
HM71-10681LF
680
9.20
0.14
0.12
DO1608C-684ML
HM71-10102LF
1000
13.8
0.10
0.07
DO1608C-105ML
HM71-20100LF
10
0.11
2.40
2.0
DO3308P-103ML
HM71-20150LF
15
0.15
2.0
1.5
DO3308P-153ML
HM71-20220LF
22
0.23
1.60
1.3
DO3308P-223ML
HM71-20330LF
33
0.30
1.40
1.1
DO3308P-333ML
HM71-20470LF
47
0.39
1.0
0.8
DO3308P-473ML
HM71-20680LF
68
0.66
0.90
0.7
DO3308P-683ML
HM71-20101LF
100
0.84
0.70
0.6
DO3308P-104ML
HM71-20151LF
150
1.20
0.60
0.5
DO3308P-154ML
HM71-20221LF
220
1.90
0.50
0.4
DO3308P-224ML
HM71-20331LF
330
2.70
0.40
0.3
DO3308P-334ML
HM71-20471LF
470
4.0
0.30
0.2
DO3308P-474ML
HM71-20681LF
680
5.3
0.20
0.1
DO3308P-684ML
HM71-20102LF
1000
8.4
0.10
0.05
DO3308P-105ML
HM71-301R0LF
1.0
0.009
9.0
6.8
DO3316P-102ML
HM71-301R5LF
1.5
0.010
8.0
6.4
DO3316P-152ML
HM71-302R2LF
2.2
0.012
7.0
6.1
DO3316P-222ML
HM71-303R3LF
3.3
0.015
6.40
5.4
DO3316P-332ML
HM71-304R7LF
4.7
0.018
5.40
4.8
DO3316P-472ML
HM71-306R8LF
6.8
0.027
4.60
4.4
DO3316P-682ML
HM71-30100LF
10
0.038
3.80
3.9
DO3316P-103ML
HM71-30150LF
15
0.046
3.0
3.1
DO3316P-153ML


Similar Part No. - HM71404R7LFTR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
More results

Similar Description - HM71404R7LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com