Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40BR20KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 40BR20KLF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40BR20KLF Datasheet(HTML) 3 Page - Bi technologies

  40BR20KLF Datasheet HTML 1Page - Bi technologies 40BR20KLF Datasheet HTML 2Page - Bi technologies 40BR20KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL 40
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
September 19, 2006
page 3 of 3
BI technologies
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING3333
Model 40P (Top Adjust)
Model 40S (Side Adjust)
Model 40B (Side Adjust with 2 pins)
Model 40W (Side Adjust with 3 pins in-line)
3
Dimensions are mm


Similar Part No. - 40BR20KLF

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
40B10 IVO-40B10 Datasheet
359Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
   Solid shaft 첩11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
   Blind hollow shaft 10 mm with EURO flange
40B10Y4 IVO-40B10Y4 Datasheet
371Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y5 IVO-40B10Y5 Datasheet
346Kb / 4P
   Solid shaft 11 mm with EURO flange
More results

Similar Description - 40BR20KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
36WR10KLF BITECH-36WR10KLF Datasheet
280Kb / 3P
   6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
37PR10KLF BITECH-37PR10KLF Datasheet
163Kb / 3P
   9 mm Single-Turn Open Frame Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
   3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
43WR10KLFXX BITECH-43WR10KLFXX Datasheet
151Kb / 3P
   3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
logo
Bourns Electronic Solut...
3316 BOURNS-3316 Datasheet
277Kb / 1P
   6MM ROUND/SINGLE-TURN/CARBON COMMERCIAL/OPEN FRAME
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
   15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
38WLABR100KLF30 BITECH-38WLABR100KLF30 Datasheet
208Kb / 3P
   10 mm Single-Turn Trimmer Dust Proof Carbon Element Low TCR RoHS Compliant
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com