Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM72A12100LFTR13 Datasheet(PDF) 2 Page - Bi technologies

Part # HM72A12100LFTR13
Description  High Power High Performance Molded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM72A12100LFTR13 Datasheet(HTML) 2 Page - Bi technologies

  HM72A12100LFTR13 Datasheet HTML 1Page - Bi technologies HM72A12100LFTR13 Datasheet HTML 2Page - Bi technologies HM72A12100LFTR13 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
74
Outline Dimensions (mm)
Figure 1
Top View
Bottom View
Recommended Land Pattern
Figure 2
Top View
Bottom View
Case Size
Fig.
A
B
D
E
F
G
I
06
1
7.23
6.8
2.0
3.3
7.4
3.0
2.0
10
2
11.5 10.5
4.9
3.3
11.5
3.0
2.5
12
2
13.5 13.0
6.9
3.3
13.5
3.0
2.5
Note: Refer to Specifications table for ‘C’ dimension of each model.
* The ‘G’ dimension of HM72-123R3HLF & HM72A-124R7HLF is 2.3mm.
Electrical Characteristics @ 25°C
Inductance vs. Current Characteristics
*
*


Similar Part No. - HM72A12100LFTR13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72A-06100LF ETC2-HM72A-06100LF Datasheet
636Kb / 4P
   Operating Temperature Range
logo
TT Electronics.
HM72A-06100LF TTELEC-HM72A-06100LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72A-061R0LF ETC2-HM72A-061R0LF Datasheet
636Kb / 4P
   Operating Temperature Range
logo
TT Electronics.
HM72A-061R0LF TTELEC-HM72A-061R0LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72A12100LFTR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72E-12 BITECH-HM72E-12 Datasheet
425Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72E-12 TTELEC-HM72E-12 Datasheet
443Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72E-12 BITECH-HA72E-12 Datasheet
402Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-06 BITECH-HM72B-06 Datasheet
400Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72B-06100LFTR13 ETC2-HM72B-06100LFTR13 Datasheet
200Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HA72E-06 TTELEC-HA72E-06 Datasheet
884Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-12 TTELEC-HM72B-12 Datasheet
744Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72E-06 ETC2-HM72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com