Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT75TA60PG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGT75TA60PG
Description  Triple phase leg Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75TA60PG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGT75TA60PG Datasheet HTML 1Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 2Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 3Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 4Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT75TA60PG
www.microsemi.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
100
IC
Continuous Collector Current
TC= 80°C
75
ICM
Pulsed Collector Current
TC= 25°C
140
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
250
W
RBSOA
Reverse Bias Safe Operating Area
TJ = 150°C
150A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VBUS1
VBUS2
VBUS3
W
E6
0/VBUS3
V
G6
E5
0/VBUS1
G2
E1
E2
0/VBUS2
U
E3
E4
G4
G1
G3
G5
G5
G6
E6
E5
G3
VBUS 2
VBUS 3
G4
E4
W
V
E3
0/VBUS 3
0/VBUS 2
G1
VBUS 1
U
E2
G2
0/VBUS 1
E1
VCES = 600V
IC = 75A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Very low (12mm) profile
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
Module can be configured as a three phase bridge
Module can be configured as a boost followed by a
full bridge
RoHS Compliant
Triple phase leg
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT75TA60PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75TA60PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100TA60PG MICROSEMI-APTGT100TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT150TA60PG MICROSEMI-APTGT150TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150TA60P ADPOW-APTGT150TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50TA60PG MICROSEMI-APTGT50TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT50TA170PG MICROSEMI-APTGT50TA170PG Datasheet
259Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50TA60P ADPOW-APTGT50TA60P Datasheet
285Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT100TA60P ADPOW-APTGT100TA60P Datasheet
284Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75TA120PG MICROSEMI-APTGT75TA120PG Datasheet
258Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
APTGT100TA120TPG MICROSEMI-APTGT100TA120TPG Datasheet
227Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com