Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1596 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1596
Description  IF amplifier/demodulator for FM radio receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1596 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1596 Datasheet HTML 4Page - NXP Semiconductors TDA1596 Datasheet HTML 5Page - NXP Semiconductors TDA1596 Datasheet HTML 6Page - NXP Semiconductors TDA1596 Datasheet HTML 7Page - NXP Semiconductors TDA1596 Datasheet HTML 8Page - NXP Semiconductors TDA1596 Datasheet HTML 9Page - NXP Semiconductors TDA1596 Datasheet HTML 10Page - NXP Semiconductors TDA1596 Datasheet HTML 11Page - NXP Semiconductors TDA1596 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
April 1991
8
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1596T
Attack and decay (pin 16)
Pin 13 connected to ground *
+I16
charge current
8
−µA
−I16
discharge current
120
−µA
Pin 13 connected to Vref
+I16
charge current
100
−µA
−I16
discharge current
120
−µA
Level detector
Dependence of output voltage on temperature
3.3
mV/VK
R6
Output impedance
−−
500
Dependence of output voltage (pin 6) on input voltage
(pin 20) (Fig.7):
V6
V20(rms) ≤ 5 µV; I2 = I7 = 0 mA
0.1
0.7
1.3
V
V6
V20(rms) = 1 mV; I2 = I7 = 0 mA
3.0
3.6
4.2
V
Slope of output voltage (pin 6) for input voltage range
V20(rms) ≥50 µV to V20(rms) ≤50 mV
1.4
1.7
2.0
V/20 dB
Dependence of output voltage (pin 6) on detuning
(Fig.8) at input voltage V20(rms) = 10 mV:
∆V6
detuning =
≤ ±45 kHz
−−
0.2
V
±∆f
detuning for V6 = 1.8 V
90
160
kHz
V6
detuning =
±200 kHz
0.5
0.7
0.9
V
|
∆V6/∆f|
Slope of output voltage with detuning = 125
± 20 kHz
at V20(rms) = 10 mV
35
mV/kHz
Level shift control (pin 2) (Fig.9)
±∆V6
adjustment range
1.6
2.0
V
−(∆V6/∆V2)
adjustment gain
1.7
V
V6
output voltage at V2 = V5; V20(rms) ≤ 5 µV
−−
0.3
V
Low-pass filter at pin 8
Output voltage at I7 = 0 mA;
V8
V20(rms) ≤ 5 µV
2.2
V
R8(int)
Internal resistance
12
25
50
k
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
V
6
V
6 T
--------------
V
6
20
V
20
log
----------------------------


Similar Part No. - TDA1596

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Similar Description - TDA1596

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com