Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM70 Datasheet(PDF) 1 Page - Bi technologies

Part No. HM70
Description  High Power Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM70 Datasheet(HTML) 1 Page - Bi technologies

  HM70 Datasheet HTML 1Page - Bi technologies HM70 Datasheet HTML 2Page - Bi technologies HM70 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
67
HM70-101R0LF
1.00
0.63
0.70
2.53
2.90
16
15
9.07E-11
170.67
1
HM70-201R3LF
1.33
0.93
1.16
3.38
3.74
16
13
1.24E-10
157.15
1
HM70-201R9LF
1.94
1.28
1.60
4.71
5.42
12
11
1.24E-10
189.83
1
HM70-25R80LF
0.83
0.488
0.61
1.75
2.01
18
19
1.51E-10
118.84
1
HM70-301R5LF
1.50
0.80
1.00
2.16
2.48
16
17
1.40E-10
183.07
1
HM70-302R0LF
2.10
1.12
1.40
3.48
4.00
12
14
1.53E-10
196.09
1
HM70-321R3LF
1.30
0.80
1.00
2.16
2.48
16
17
1.66E-10
140.35
1
HM70-351R5LF
1.50
0.97
1.20
4.00
4.50
18
13
1.35E-10
166.20
2
HM70-401R2LF
1.20
0.92
1.02
1.75
1.80
18
22
1.80E-10
129.45
2
HM70-401R6LF
1.60
1.15
1.44
2.13
2.36
20
20
1.67E-10
151.67
2
HM70-50R70LF
0.70
0.40
0.52
1.05
1.26
30
31
1.99E-10
88.15
2
HM70-501R2LF
1.20
0.80
0.90
1.68
2.00
24
25
1.99E-10
110.82
2
HM70-505R0LF
5.00
3.60
4.30
6.50
8.00
7
13
2.21E-10
219.63
2
HM70-50100LF
10.0
6.80
8.00
12.0
15.0
7
9
2.21E-10
316.67
2
HM70-601R2LF
1.20
0.80
1.00
1.37
1.58
20
28
2.21E-10
108.94
2
HM70-602R0LF
2.00
1.20
1.60
2.20
2.60
15
22
2.21E-10
143.34
2
• Operating Temperature Range
-40°C to +180°C
• Temperature Rise, Maximum
50°C

Electrical / Environmental
High Power Shielded Low Profile
Surface Mount Inductors
Notes:
(1) DC resistance is measured at 25°C
(2) The saturation current (Isat) is the current at which the inductance will be decreased by 20% from its initial (zero DC) value.
(3) The heating current is the DC current, which causes the component temperature to increase by approximately 50°C. This current is determined by
soldering the component on a typical application PCB, and then apply the current to the device for 30 minutes.
(4) Core Loss approximation is based on published core data:
Core Loss (Pfe) = K1 * (f)
1.338 * (K2∆I)2.2546
Where:
core loss in watt
f = frequency in kHz
K1 and K2 = core loss factor
∆I = delta I across the component in Amp.
K2
∆I = one half of the peak to peak flux density across the component in Gauss
RoHS
Compliant
Specifications
Inductance
100kHz, 0.1V
DCR
(1)
Isat
(2)
Heating
(3)
Core Loss
(4)
@ 0 Adc
@ Isat
(m)
@ 25°C
Current
Factor
Part
(
µH±20%)
(
µH)
(Adc)
(Adc)
Number
Typ.
Min.
Typ.
Typ.
Max.
∆T=50°C
K1
K2
Fig.
(A) Case size 10, 20, 25, 30 & 40
Electrical Characteristics @ 25°C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn