Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1593 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA1593
Description  IF amplifier/demodulator for FM car radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1593 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1593 Datasheet HTML 1Page - NXP Semiconductors TDA1593 Datasheet HTML 2Page - NXP Semiconductors TDA1593 Datasheet HTML 3Page - NXP Semiconductors TDA1593 Datasheet HTML 4Page - NXP Semiconductors TDA1593 Datasheet HTML 5Page - NXP Semiconductors TDA1593 Datasheet HTML 6Page - NXP Semiconductors TDA1593 Datasheet HTML 7Page - NXP Semiconductors TDA1593 Datasheet HTML 8Page - NXP Semiconductors TDA1593 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Oct 10
4
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
PINNING
SYMBOL
PIN
DESCRIPTION
SOT102-1
DIP18
SOT163-1
SO20
VP
1
1
supply voltage (+8.5 V)
LVA
2
2
level adjustment for stop condition
ULV
3
3
unweighted level output
VoAF
4
4
audio frequency output (MPX signal)
Vref
5
5
reference voltage output
WLV
6
6
weighted level output
n.c.
7
7
not connected
DDV
8
8
detune detector voltage
n.c.
9
not connected
DEMI1
9
10
demodulator input 1
DEMI2
10
11
demodulator input 2
n.c.
12
not connected
TSW
11
13
tau switch input
ST1
12
14
STOP-1, stop pulse output 1
ST0
13
15
STOP-0, stop pulse output 0
MUTE
14
16
muting voltage
GND
15
17
ground (0 V)
LFB1
16
18
IF limiter feedback 1
LFB2
17
19
IF limiter feedback 2
ViIF
18
20
IF signal input


Similar Part No. - TDA1593

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Similar Description - TDA1593

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
Sanyo Semicon Device
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
Samsung semiconductor
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
Panasonic Semiconductor
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
Sanyo Semicon Device
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz