Electronic Components Datasheet Search |
|
T409B105J020MK4251 Datasheet(PDF) 1 Page - Kemet Corporation |
|
T409B105J020MK4251 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 10 page Product Bulletin DIMENSIONS – MILLIMETERS (INCHES) KEMET Size Code L Length ± .38 (.015) W Width ± 0.38 (.015) H Height ± 0.38 (.015) P +0.25 (.010) - 0.13 (.005) W2 H2 Minimum A 2.54 (.100) 1.27 (.050) 1.27 (.050 0.76 (.030) 1.27 ± 0.13 (.050 ± .005) 0.76 (.030) B 3.81 (.150) 1.27 (.050) 1.27 (.050) 0.76 (.030) 1.27 ± 0.13 (.050 ± .005) 0.76 (.030) C 5.08 (.200) 1.27 (.050) 1.27 (.050) 0.76 (.030) 1.27 ± 0.13 (.050 ± .005) 0.76 (.030) D 3.81 (.150) 2.54 (.100) 1.27 (.050) 0.76 (.030) 2.41 + .13, -.25 (.095 + .005, -.010) 0.76 (.030) E 5.08 (.200) 2.54 (.100) 1.27 (.050) 0.76 (.030) 2.41 + .13, -.25 (.095 + .005, -.010) 0.76 (.030) F 5.59 (.220) 3.43 (.135) 1.78 (.070) 0.76 (.030) 3.30 ± 0.13 (.130 ± .005) 1.02 (.040) G 6.73 (.265) 2.79 (.110) 2.79 (.110) 1.27 (.050) 2.67 ± 0.13 (.105 ± .005) 1.52 (.060) H 7.24 (.285) 3.81 (.150) 2.79 (.110) 1.27 (.050) 3.68 + 0.13, -0.51 (.145 + .005 - .020) 1.52 (.060) X 6.93 (.273) 5.41 (.213) 2.74 (.108) 1.19 (.047) 3.05 ± 0.13 (.120 ± .005) 1.22 (.048) OUTLINE DRAWING F-9083B 01/07 T409/T419/T429 Series - MIL-PRF-55365/4 & /11 Tantalum Surface Mount Capacitor FEATURES Established Reliability Military Version of T497 Series High Grade COTS Capacitance Values and Voltages as shown in following part number table. Qualified to MIL-PRF-55365/4 & 11, Style CWR09, CWR19, CWR29 Termination Options: B (Gold Plated), C (Hot Solder Dipped), H (Solder Plated), K (Solder Fused 100% Surge Current Test available for all sizes Precision-molded, Laser-marked Case Operating Temperature -55°C to +125°C Offered in Nine Case Sizes (A - X) Weibull Failure Rate Codes, B, C, D# 50V Not Qualified Tape & Reeled per EIA 481-1 COMPONENT MARKING 105 20K 620 Polarity Indicator (+) (Solid Stripe) Picofarad Code Rated Voltage Print Week Code 1st Digit = Year 2nd & 3rd Digits = Week “620” = 20th Week of 2006 J High Capacitance Ultra-low ESR Device COMPONENT WEIGHT Case Size Avg. Weight (gm) Case Size Avg. Weight (gm) A 0.016 F 0.153 B 0.024 G 0.235 C 0.034 H 0.365 D 0.050 X 0.406 E 0.072 |
Similar Part No. - T409B105J020MK4251 |
|
Similar Description - T409B105J020MK4251 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |