Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI403MC-A6 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI403MC-A6
Description  400DPI CIS Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI403MC-A6 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI403MC-A6 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI403MC-A6 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI403MC-A6 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI403MC-A6 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI403MC-A6 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI403MC-A6 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
• Light source, lens, and sensor are integrated into a single module
• 16 dpm resolution, 104 mm scanning length
• Up to 333
µsec/line scanning speed, with 5MHz pixel rate
• Wide dynamic range
• Analog output
• Red LED light source (660 nm)
• Compact size
≅ 14 mm x 19 mm x 120 mm
• Low power
• Light weight
General Description
The PI403MC-A6 is a contact imaging sensor, CIS, module, which is composed of 13
PI3022 sensor chips. The PI3022 is a 400 DPI solid-state line imaging array, also a
product of Peripheral Imaging Corporation. This imaging device is fabricated using
MOS
imaging sensor technology for high-speed performance and high sensitivity. The
PI403MC-A6 is suitable for scanning A6 size (104 mm) documents with 16 dots per
millimeter resolution. Applications include ticket, check and card scanners, variety of mark
readers, and other automation equipment.
Functional Description
The PI403MC-A6 imaging array consists of 13 sensors that are cascaded to provide 1664
photo-detectors with their associated multiplex switches, and a digital shift register that
controls its sequential readout. Mounted in the module is one-to-one graded indexed
PI403MC-A6
Engineering Data Sheet
Peripheral
Imaging
Corporation
400DPI CIS Module
PAGE 1 OF 6 - PI403MC-A6, 10-13-00


Similar Part No. - PI403MC-A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
   Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
More results

Similar Description - PI403MC-A6

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
   400DPI CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
   400dpi CIS Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com