Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1591 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1591
Description  PLL stereo decoder and noise blanker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1591 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1591 Datasheet HTML 3Page - NXP Semiconductors TDA1591 Datasheet HTML 4Page - NXP Semiconductors TDA1591 Datasheet HTML 5Page - NXP Semiconductors TDA1591 Datasheet HTML 6Page - NXP Semiconductors TDA1591 Datasheet HTML 7Page - NXP Semiconductors TDA1591 Datasheet HTML 8Page - NXP Semiconductors TDA1591 Datasheet HTML 9Page - NXP Semiconductors TDA1591 Datasheet HTML 10Page - NXP Semiconductors TDA1591 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Sep 02
7
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
Mono/stereo control (pins 16, 17 and 19)
Vi pilot(rms)
pilot threshold voltage for automatic switching
by pilot input voltage (RMS value)
stereo on
24
30
mV
stereo off
820
mV
HYS
hysteresis of pilot threshold voltage
2
dB
V19
switching voltage for external mono control
(pin 19)
0
1V
Vref
reference input voltage range (pin 17)
1
5V
V16-17
control voltage for channel separation due to
pin 17 (Vref)
αcs = 6 dB; see Fig.5
−−85
mV
α
cs = 26 dB; see Fig.5
−−32
mV
Pilot indicator logic level output (pin 18)
V18
LOW voltage
I18 = −200 µA
250
400
mV
I18
HIGH current
V18 =10V
−−
1
µA
Muting (pin 8)
MUTEatt
mute attenuation (pin 8)
V8 < 0.4 V
80
dB
V8 >4V
−−
0.2
dB
VO(offset)
DC offset voltage (pins 10 and 11)
after muting
−−±400 mV
HCC (pin 15)
CRdeem
control range of de-emphasis
see Figs 7 and 8
for European standard
Cdeem = 6.8 nF
50
150
µs
for USA standard
Cdeem =10nF
75
225
µs
V15-17
control voltage (pin 15 due to pin 17) in both
standards
lower value CRdeem
0
mV
upper value CRdeem
−−300 −
mV
Noise interference detector
Vtrigg
trigger threshold (pin 6)
fint = 120 kHz
V8(DC) = 7.7 V
10
mV
V8(DC) = 6.7 V
100
mV
∆V8
voltage offset as a function of Vtrigg
V6 trigg =10mV
200
mV
V6 trigg = 100 mV
2.3
V
tsup
AF suppression time; pulse width
40
−µs
I13,14
input offset current (pins 13 and 14)
during AF suppression
time
20
nA
Vpulse
trigger sensitivity (pin 6)
τpulse =10 µs
10
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA1591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1593T PHILIPS-TDA1593T Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Similar Description - TDA1591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com