Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGS75X170TE3 Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. APTGS75X170TE3
Description  3 Phase bridge NPT IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGS75X170TE3 Datasheet(HTML) 1 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTGS75X170TE3
APT website – http://www.advancedpower.com
1 - 3
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
15
16
17
13
14
8
7
9
11
10
18
19
5 6
3 4
1
21
20
12
2
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1700
V
TC = 25°C
150
IC
Continuous Collector Current
TC = 80°C
75
ICM
Pulsed Collector Current
TC = 25°C
250
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
625
W
RBSOA Reverse Bias Operating Area
Tj = 125°C
150A@1600V
VCES = 1700V
IC = 75A @ Tc = 80°C
Application
AC Motor control
Features
Non Punch Through (NPT) Low Loss IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
High level of integration
Internal thermistor for temperature monitoring
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
3 Phase bridge
NPT IGBT Power Module


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn