Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI227MC-A4 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI227MC-A4
Description  200DPI CIS Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227MC-A4 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI227MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Environmental Specifications
Operating
temperature(1)
Top
0 to 50
0C
Operating
humidity(1)
Hop
10 to 90
%
Storage
temperature(1)
Tstg
-20 to+75
0C
Storage humidity(1)
Hstg
10 to 90
%
Table 4. Operating and Storage Environment
Note (1) These are standard specifications for the CIS modules
.
Electro-Optical Characteristics (25 °C)
Table 5A is the electro-optical characteristics common all three modules. Table 5B, 5C
and 5D show the different characteristics for each of the three LED light source.
Parameter
Symbol
Value
Units
Notes
Total number of photo
detectors
1728
Elements
Section 1, 2, & 3 number
of photo detectors
448
Elements
Section 4 number of
detectors
384
Elements
Pixel-to-pixel spacing
125
µm
Table 5A. Common Electro-Optical Characteristics
PI227MC-A4
660 RED LED
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint(1)
90
µsec
@ 5.0 MHz
clock
frequency
Clock frequency(2)
Fclk
5.0
MHz
Bright output voltage(3)
Video Output
1.0
Volt
Bright output
nonuniformity(4)
Up
<+/-30
%
Dark nonuniformity(5)
Ud
<40
mV
Dark output voltage(6)
Dark Level (DL)
<60
mV
Modulation transfer
function(7)
MTF
>40
%
Table 5B. PI227MC-A4 Electro-Optical Characteristics
See notes below Table 5D.
PAGE 5 OF 10 - PI227/228/229, 01-31-04


Similar Part No. - PI227MC-A4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
   Programmable inrush current limiting
logo
AMI SEMICONDUCTOR
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
More results

Similar Description - PI227MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
   200DPI CIS Sensor
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
   200DPI CIS Sensor Chip
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com